Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC7002 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC7002
Description  QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC7002 Datasheet(HTML) 6 Page - Texas Instruments

  SN74HC7002 Datasheet HTML 1Page - Texas Instruments SN74HC7002 Datasheet HTML 2Page - Texas Instruments SN74HC7002 Datasheet HTML 3Page - Texas Instruments SN74HC7002 Datasheet HTML 4Page - Texas Instruments SN74HC7002 Datasheet HTML 5Page - Texas Instruments SN74HC7002 Datasheet HTML 6Page - Texas Instruments SN74HC7002 Datasheet HTML 7Page - Texas Instruments SN74HC7002 Datasheet HTML 8Page - Texas Instruments SN74HC7002 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MECHANICAL DATA
MSOI002B – JANUARY 1995 – REVISED SEPTEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
8 PINS SHOWN
8
0.197
(5,00)
A MAX
A MIN
(4,80)
0.189
0.337
(8,55)
(8,75)
0.344
14
0.386
(9,80)
(10,00)
0.394
16
DIM
PINS **
4040047/E 09/01
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.044 (1,12)
0.244 (6,20)
0.228 (5,80)
0.020 (0,51)
0.014 (0,35)
1
4
8
5
0.150 (3,81)
0.157 (4,00)
0.008 (0,20) NOM
0
°– 8°
Gage Plane
A
0.004 (0,10)
0.010 (0,25)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-012


Similar Part No. - SN74HC7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC7002 TI-SN74HC7002 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002 TI1-SN74HC7002 Datasheet
895Kb / 14P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002D TI-SN74HC7002D Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002D TI1-SN74HC7002D Datasheet
895Kb / 14P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN74HC7002DE4 TI-SN74HC7002DE4 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74HC7002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC7002 TI-SN54HC7002_06 Datasheet
335Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC7002 TI1-SN54HC7002_15 Datasheet
895Kb / 14P
[Old version datasheet]   QUADRUPLE POSITIVE-NOR GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com