Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5150C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM5150C
Description  5.0 Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM5150C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM5150C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM5150C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individua
l
SM5150C
VOLTAGE 150V
5.0
Amp Schottky Barrier Rectifiers
http://www.SeCoSGmbH.com
Elektronische Bauelemente
RATING AND CHARACTERISTIC CURVES (SM5150C)
REVERSE VOLTAGE,(V)
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
500
700
400
300
200
100
0
600
1
2
5
Tj=25 C
10
50
100
NUMBER OF CYCLES AT 60Hz
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
80
40
0
120
200
160
1
10
50
Tj=25 C
SURGE CURRENT
8.3ms Single Half
Sine Wave
JEDEC method
4
2
3
5
6
1
0
70
80
90
100
110
120
Tc,CASE TEMPERATURE,( C)
130
140
150
160
180
dc
RATED VOLTAGE
RqJC = 2° C/W
FIG.2- TYPICAL FORWARD VOLTAGE
30
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
20
10
4
2
0
SQUARE
WAVE
F
V ,INSTANTANEOUS VOLTAGE(VOLTS)
TJ = 25 C
0.2
0.4
0.6
0.8
1.0
VR, REVERSE CURRENT (VOLTS)
10,000
1,000
100
10
1
0
20
40
60
80
100
120
140
160
180
200
FIG.5-TYPICAL REVERSE CURRENT(PER LEG)
0
100
100,000
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
Tj=25 C
Tj=100 C
Tj=125 C
Tj=150 C
5
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - SM5150C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
240Kb / 2P
   5.0 A Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM5150C GWSEMI-SM5150C Datasheet
63Kb / 2P
   5.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM5150C AITSEMI-SM5150C Datasheet
360Kb / 5P
   SCHOTTKY BARRIER RECTIFIER REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 5.0A
REV3.1
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_10 Datasheet
240Kb / 2P
   5.0 A Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results

Similar Description - SM5150C

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR580L.5A-DO-27 DGNJDZ-SR580L.5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR5200L-5A-DO-27 DGNJDZ-SR5200L-5A-DO-27 Datasheet
547Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
SB520-5A-DO-27 DGNJDZ-SB520-5A-DO-27 Datasheet
449Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com