Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1RK1V1 Datasheet(PDF) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A1RK1V1
Description  Process Sealed Subminiature Rockers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A1RK1V1 Datasheet(HTML) 1 Page - Nihon Kaiheiki Industry Co. Ltd.

  A1RK1V1 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A1RK1V1 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Process Sealed Subminiature Rockers
Series A
Distinctive Characteristics
Actual Size
Subminiature size saves space on PC boards.
Specifically developed for logic-level
applications.
Totally sealed body construction
prevents contact contamination
and allows time- and money-
saving automated soldering
and cleaning.
Award-winning STC contact
mechanism with benefits
unavailable in conventional
mechanisms: smoother, positive
detent actuation, increased contact
stability and unparalleled logic-level
reliability. (Additional STC details in
Terms & Acronyms; see Supplement
section.)
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents,
and other contaminants.
.100” x .100” (2.54mm x 2.54mm)
terminal spacing conforms to standard PC
board grid spacing.
Matching indicators available and shown at the
end of Section M.


Similar Part No. - A1RK1V1

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A1RK1V1-CA NKK-A1RK1V1-CA Datasheet
256Kb / 7P
   General Specifications
A1RK1V1-CB NKK-A1RK1V1-CB Datasheet
256Kb / 7P
   General Specifications
A1RK1V1-CC NKK-A1RK1V1-CC Datasheet
256Kb / 7P
   General Specifications
A1RK1V1-CE NKK-A1RK1V1-CE Datasheet
256Kb / 7P
   General Specifications
A1RK1V1-CF NKK-A1RK1V1-CF Datasheet
256Kb / 7P
   General Specifications
More results

Similar Description - A1RK1V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A23K1V-DA ETC2-A23K1V-DA Datasheet
241Kb / 7P
   Process Sealed Subminiature Rockers
A13KW-CA ETC2-A13KW-CA Datasheet
888Kb / 8P
   Process Sealed Subminiature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
logo
List of Unclassifed Man...
M2T22TXG41-DC ETC2-M2T22TXG41-DC Datasheet
597Kb / 8P
   Process Sealed Miniature Rockers
G22KP-YA ETC2-G22KP-YA Datasheet
137Kb / 4P
   Process Sealed Ultra-Miniature Rockers
logo
Nihon Kaiheiki Industry...
G12KP-YA NKK-G12KP-YA Datasheet
101Kb / 4P
   Process Sealed Ultra-Miniature Rockers
AB11AP-FA NKK-AB11AP-FA Datasheet
241Kb / 6P
   Process Sealed Subminiature Pushbuttons
logo
List of Unclassifed Man...
A18AV ETC2-A18AV Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
logo
Nihon Kaiheiki Industry...
A11A NKK-A11A Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
List of Unclassifed Man...
A18EP ETC2-A18EP Datasheet
980Kb / 8P
   Process Sealed Subminiature Toggles
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com