Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2502RW Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # F2502RW
Description  2:1 Input 25W - 30W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

F2502RW Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  F2502RW Datasheet HTML 1Page - MicroPower Direct, LLC F2502RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
25W-30W Output Power
2:1 Input Voltage Range
1,500 VDC Isolation
Meets EN55022 Class A
Compact 2 x 1.6 In. Case
Single & Dual Outputs
Remote ON/OFF
Industry Standard Pin-Out
F2500RW
2:1 Input 25W - 30W
Single & Dual Output
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Start Voltage
12 VDC Input
8.6
8.8
9.0
VDC
24 VDC Input
17.0
17.5
18.0
48 VDC Input
34.0
35.0
36.0
Under Voltage Shutdown
12 VDC Input
8.1
8.3
8.5
VDC
24 VDC Input
16.0
16.5
17.0
48 VDC Input
32.0
33.0
34.0
Input Filter
(Pi) Filter (Meets EN55022 Class “A”)
Reverse Polarity Input Current
2.0
A
Short Circuit Input Power
4,500
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±0.5
±1.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±0.5
±2.0
%
Line Regulation
For Vin Min to Max
±0.1
±0.3
%
Load Regulation
Iout = 50% to 100%
±0.1
±0.5
%
Ripple & Noise (20 MHz) (Note 1)
55
80
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
100
mV P - P
Output Power Protection
110
160
%
Transient Recovery Time (Note 2)
25% Load Step Change
150
300
µSec
Transient Response Deviation
±2.0
±4.0
%
Temperature Coefficient
±0.01
±0.02
%/°C
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
1,200
1,500
pF
Switching Frequency
290
330
360
kHz
Over Temperature Protection
Case Temperature
107
112
117
°C
Remote On/Off (Note 3)
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
2.5
100.0
VDC
Supply Off
-1.0
1.0
VDC
Standby Input Current
5mA
Control Common
Referenced to Negative Input (pin 2)
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+50
°C
Operating Temperature Range
Case
-40
+105
°C
Storage Temperature Range
-50
+125
°C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
2.0 x 1.6 x 0.37 Inches (50.8 x 40.6 x 9.3 mm)
Case Material
Metal with Non-Conductive Base
Weight
1.75 Oz (48g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1,000
kHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
12 VDC Input
-0.7
25.0
VDC
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
260
°C
Internal Power Dissipation
All Models
5,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com


Similar Part No. - F2502RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2502RW MPD-F2502RW Datasheet
224Kb / 2P
   F2500RW SERIES
More results

Similar Description - F2502RW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
F2500RU MPD-F2500RU Datasheet
235Kb / 2P
   4:1 Input 25W - 30W Single & Dual Output DC/DC Converters
logo
TDK Electronics
PXD3048WS05 TDK-PXD3048WS05 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W_13 Datasheet
274Kb / 2P
   Single and Dual Output 30W DC-DC Converters
PXD30W TDK-PXD30W Datasheet
395Kb / 2P
   Single and Dual Output 30W DC-DC Converters
logo
MicroPower Direct, LLC
MI2500RW MPD-MI2500RW Datasheet
809Kb / 4P
   Compact, 25W, 2:1 Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000 Datasheet
191Kb / 6P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MD605S-03FW MPD-MD605S-03FW Datasheet
808Kb / 4P
   2:1 Input, 6W SIP, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NPH25S2403EIC MURATA-NPH25S2403EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
NPH25S2415EIC MURATA-NPH25S2415EIC Datasheet
265Kb / 8P
   Isolated 25W Single Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com