Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR01AC16HB-S Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FR01AC16HB-S
Description  10mm DIP Rotaries
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FR01AC16HB-S Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  FR01AC16HB-S Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. FR01AC16HB-S Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
05-08
10mm DIP Rotaries
Series FR01
OPTIONAL KNOBS FOR METAL SHAFT
(11.0) Dia
.433
(19.0) Dia
.748
(9.5)
.374
(13.0)
.512
(0.5)
.020
(16.0) Dia
.630
(9.5) Dia
.374
(14.3)
.563
(9.5)
.374
(0.5)
.020
(11.0) Dia
.433
(18.0) Dia
.709
(9.5)
.374
(15.8)
.622
(0.5)
.020
Polyester Base:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
Material:
Polyacetal
Color:
Black
Polyester Base:
Black
Polyamide Tip
Colors:
A, B, C, E, F, G, H
AT4103 Small
Color Tipped
AT4104 Large
Color Tipped
AT433
Plain Black
A
Metal Shaft
Knob options
illustrated below
with color choices
Actuators are fully rotational and operate either clockwise or counterclockwise.
Colors for Actuators K and S: Orange for real coded devices; Yellow for complement coded devices
ACTUATION
K
Plastic Shaft
Adjusted by hand
or with flat tipped
screwdriver
S
Dial
Adjusted by hand
or with flat tipped
screwdriver
TRUTH TABLES (CIRCUITS & POSITIONS)
Decimal
Hexadecimal
0 1 2 3 4 5 6 7 8 9 0 1 2 3 4 5 6 7 8 9 A B C D E F
Real Coded
Model Numbers:
FR01FR, FR01KR,
FR01SR, FR01AR
1
2
4
8
Complement Coded
Model Numbers:
FR01FC, FR01KC
FR01SC, FR01AC
1
2
4
8
R
C
10
16
Actuator Position
x = ON
Terminal No. (Output)
Terminal numbers are actually on the switch.
Above sequence shown for clockwise rotation.
Color Codes:
A Black
B White
C Red
E Yellow
F Green
G Blue
H Gray
Mounting hardware is available if needed for models with Actuator A:
Hexagon Nut AT513M, Locking Ring AT515M, and Lockwasher AT509; all are shown in the Accessories and Hardware section.
Knob Orientation: When installed with shaft flat rotated 180° from bushing flat as shown in “Typical Switch Dimensions,”
white line on cap points to Actuator Position 0 noted in truth tables below.


Similar Part No. - FR01AC16HB-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR01AC16HB-S ETC2-FR01AC16HB-S Datasheet
425Kb / 9P
   10mm DIP Rotaries
More results

Similar Description - FR01AC16HB-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FR01FC16P ETC2-FR01FC16P Datasheet
425Kb / 9P
   10mm DIP Rotaries
logo
Nihon Kaiheiki Industry...
FR02FR10P-S NKK-FR02FR10P-S Datasheet
173Kb / 4P
   10mm Ultra-Thin SMT DIP Rotaries
NDFR10P NKK-NDFR10P Datasheet
121Kb / 4P
   8mm Process Sealed DIP Rotaries
ND3FR10P NKK-ND3FR10P Datasheet
359Kb / 7P
   8mm Process Sealed SMT DIP Rotaries
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
CRD CK-COMPONENTS-CRD_V02 Datasheet
323Kb / 4P
   10mm DIP Coded Rotary Switches
8 Feb 23
logo
ITT Industries
CRD10RM0AK ITT-CRD10RM0AK Datasheet
245Kb / 4P
   10mm DIP Coded Rotary Switches
logo
C&K Components
CRD CK-COMPONENTS-CRD Datasheet
181Kb / 4P
   10mm DIP Coded Rotary Switches
CRD CK-COMPONENTS-CRD_V01 Datasheet
305Kb / 4P
   10mm DIP Coded Rotary Switches
2020
logo
Nihon Kaiheiki Industry...
MRX108-A NKK-MRX108-A Datasheet
234Kb / 5P
   Miniature Power Level Rotaries
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com