Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ7808 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SJ7808
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SJ7808 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SJ7808 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SJ7808 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SJ7808 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SJ7808 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SJ7808 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SJ7808 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 5
-Jun-2002 Rev. A
Page 3 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
250
-1.1
1.8
_
_
_
_
_
0.5
58
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
8.73
V
RR
VIN=15V,IO=500mA,Tj=25
11.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SJ7809 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=15V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
8.55
9
9.27
9.45
VO
(Line Regulation)
VO
(Load Regulation)
3
_
5
90
45
_
100
50
13V VIN 19V,IO=500mA
5mA IO
1A,
11.5V VIN 25V,IO=500mA,
IQ
IQ
mA
1.3
_
_
11.5V VIN 26V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
12.5V VIN 22.5V,f=120Hz,
C
o
VIN 24V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=15V,
Tj=25C
o
250mA IO 750mA,
VIN=15V,
Tj=25 C
o
VIN=15V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=15V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-1.1
1.8
_
_
_
_
_
0.5
58
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
9.7
V
RR
VIN=16V,IO=500mA,Tj=25
12.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SJ7810 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=16V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
9.5
10
10.3
10.5
VO
(Line Regulation)
VO
(Load Regulation)
_
100
50
_
100
50
14V VIN 20V,IO=500mA
5mA IO
1A,
13V VIN 25V,IO=500mA,
IQ
IQ
mA
1
_
_
12.5V VIN 25V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
13V VIN 23V,f=120Hz,
C
o
VIN 25V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=16V,
Tj=25C
o
250mA IO 750mA,
VIN=16V,
Tj=25 C
o
VIN=16V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=16V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
Elektronische Bauelemente
SJ78XX
3-Terminal
Positive Voltage Regulator
≤ ≤


Similar Part No. - SJ7808

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ7805-B SECOS-SJ7805-B Datasheet
200Kb / 3P
   3-Terminal Positive Voltage Regulator
SJ7805-B SECOS-SJ7805-B_15 Datasheet
200Kb / 3P
   Positive Voltage Regulator
More results

Similar Description - SJ7808

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com