Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CWSA12AAN2H Datasheet(PDF) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CWSA12AAN2H
Description  Miniature Power Rockers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CWSA12AAN2H Datasheet(HTML) 6 Page - Nihon Kaiheiki Industry Co. Ltd.

  CWSA12AAN2H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN2H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN2H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN2H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN2H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CWSA12AAN2H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
02-08
Miniature Power Rockers
Series CW
CWT12AAS1
Solder Lug
Single Pole • No Inscription
TYPICAL SWITCH DIMENSIONS FOR CWSB
CWSB21AA2F
Right Angle
Single Pole • Dot Inscription
Quick Connect
Double Pole • Vertical On-Off Inscription
CWSB11AA3H
Footprint
DPST
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
TYPICAL SWITCH DIMENSIONS FOR CWT
Panel Thickness
.030” ~ .079”
(0.75mm ~ 2.0mm)
Footprint
SPST
(21.1)
.831
(15.8)
.622
(10.6)
.417
(15.1)
.594
(12.9)
.508
(19.2)
.756
(5.0)
.197
(4.9)
.193
(1.8) Dia Typ
.071
11a
(5.0)
.197
(4.9)
.193
(4.7)
.185
(1.8) Dia Typ
.071
2a
1
2
1a
(15.8)
.622
(10.6)
.417
(15.1)
.594
(21.1)
.831
(17.8)
.701
(0.8)
.031
(22.5)
.886
(14.2)
.559
(1.0)
.039
(2.0)
.079
(5.7)
.224
2a
2
1
1a
(2.5) Typ
.098
(4.0) Typ
.157
(1.3) Typ
.051
(4.9)
.193
(5.0)
.197
(4.0)
.157
(12.9)
.508
(12.6)
.496
(16.2)
.638
(9.0)
.354
(4.8)
.189
30ϒ
NKK P/N This Side
(5.5)
.217
(0.8) Typ
.031
(1.1) x (2.0) Typ
.043 x .079
(4.7) Typ
.185
(18.0)
.709
(1.5)
.059
(15.5)
.610
(3.5)
.138
(13.45)
.530
(5.0)
.197
(21.0)
.827
(6.8)
.138
(2.0) Typ
.079
1
2
3
(6.8)
.268
(19.2)
.756
(17.4)
.685
(18.6)
.732
30ϒ
NKK P/N This Side
(5.7)
.224
(12.9)
.508
(2.0)
.079
(1.0)
.039
(8.1)
.319
(16.2)
.638
(2.65)
.104
(5.0)
.197
(4.0)
.157
(2.3) Dia Typ
.091
(1.6) Dia Typ
.063
1
2
1a
2a
(2.5) Typ
.098
(4.0) Typ
.157
(4.75) Typ
.187
(0.8) Typ
.031
(12.6)
.496
(12.9)
.508
Terminal numbers are
on bottom of switch
Terminal numbers are
on bottom of switch
Terminal numbers
are on side
of switch body


Similar Part No. - CWSA12AAN2H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
CWSA12AAN2H NKK-CWSA12AAN2H Datasheet
194Kb / 6P
   General Specifications
More results

Similar Description - CWSA12AAN2H

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2012TNW NKK-M2012TNW Datasheet
332Kb / 10P
   Miniature Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com