Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS22BH Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # AS22BH
Description  Subminiature Slides
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AS22BH Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  AS22BH Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AS22BH Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Slides
Series AS
POLES
1
SPST
SPDT
2
DPDT
SP3T
TYPICAL SWITCH ORDERING EXAMPLE
2
H
AS
DPDT
ON-NONE-ON Circuit
Right Angle PC Terminals
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Left
Center
Right
Left
Center
Right
Note: Terminal numbers are not
actually on the switch.
SP
AS11
ON
NONE
OFF
3-1
OPEN
OPEN
SPST
SP
AS12
AS13
ON
ON
NONE
OFF
ON
ON
2-1
2-1
OPEN
OPEN
2-3
2-3
SPDT
DP
AS22
AS23
ON
ON
NONE
OFF
ON
ON
2-1 5-4
2-1 5-4
OPEN
OPEN
2-3 5-6
2-3 5-6
DPDT
CIRCUITS
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
4
ON
ON
ON
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
AS22AH
POLES & CIRCUITS
A
ACTUATORS
A
.098” (2.5mm) Long
B
Flush
C
.150” (3.8mm) Long
PC TERMINALS
P
Straight
B
Straight with Bracket
H
Right Angle with Bracket
V
Vertical with Bracket
Bracketed models are
ESD protected
*
*
*
*
.098” (2.5mm) Long
Actuator
3
1
INTERNAL
CONNECTION
1
3
4
6
2
5
(COM)
For 3 Throw (3-On)
Connected Terminals & Schematics
External Connection
Pole
Model
Left
Center
Right
The SP3T model utilizes
a double pole base.
External
connections
must be
made
during field
installation.
SP
AS24
ON
2-1 5-4
ON
2-3 5-4
ON
2-3 5-6
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
2 (COM)
3
1
3
6
2
5
4
1
Common
(in)
(out)
(out)
(out)
External
Conn
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Similar Part No. - AS22BH

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS22 BOARDCOM-AS22 Datasheet
819Kb / 7P
   Compact size 횠22 횞 10.9 mm
logo
List of Unclassifed Man...
AS2208 ETC-AS2208 Datasheet
32Kb / 6P
   Primary Side PWM Controller
AS2208D ETC-AS2208D Datasheet
32Kb / 6P
   Primary Side PWM Controller
AS2208N ETC-AS2208N Datasheet
32Kb / 6P
   Primary Side PWM Controller
logo
Skyworks Solutions Inc.
AS221-306 SKYWORKS-AS221-306 Datasheet
65Kb / 2P
   PHEMT GaAs IC High Power SP4T Switch 0.1 - 2.5 GHz
More results

Similar Description - AS22BH

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MS12AFW NKK-MS12AFW Datasheet
256Kb / 7P
   Miniature Slides
MS12LNW01C NKK-MS12LNW01C Datasheet
192Kb / 4P
   Miniature Slides
SS12SBP2 NKK-SS12SBP2 Datasheet
149Kb / 5P
   Ultra-Miniature Slides
SM0320102 NKK-SM0320102 Datasheet
64Kb / 2P
   Ultra-Miniature Slides
SS12SDP2LC NKK-SS12SDP2LC Datasheet
185Kb / 4P
   Ultra-Miniature Slides
SS312SAH4-R NKK-SS312SAH4-R Datasheet
196Kb / 6P
   Ultra-Miniature SMT Slides
CS12ANW03 NKK-CS12ANW03 Datasheet
142Kb / 4P
   Miniature Power Rated Slides
logo
Advantech Co., Ltd.
C-300-S ADVANTECH-C-300-S Datasheet
86Kb / 3P
   General Devices ChassisTrak Slides
logo
Nihon Kaiheiki Industry...
FS22AAP NKK-FS22AAP Datasheet
97Kb / 3P
   Miniature Slides for High Frequency
JS0204AP4-S NKK-JS0204AP4-S Datasheet
265Kb / 6P
   Ultra-Miniature SMT DIP Slides
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com