Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC393N Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC393N
Description  DUAL 4-BIT BINARY COUNTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC393N Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC393N Datasheet HTML 1Page - Texas Instruments SN74HC393N Datasheet HTML 2Page - Texas Instruments SN74HC393N Datasheet HTML 3Page - Texas Instruments SN74HC393N Datasheet HTML 4Page - Texas Instruments SN74HC393N Datasheet HTML 5Page - Texas Instruments SN74HC393N Datasheet HTML 6Page - Texas Instruments SN74HC393N Datasheet HTML 7Page - Texas Instruments SN74HC393N Datasheet HTML 8Page - Texas Instruments SN74HC393N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SN54HC393, SN74HC393
DUAL 4-BIT BINARY COUNTERS
SCLS143D – DECEMBER 1982 – REVISED JULY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 13 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Dual 4-Bit Binary Counters With Individual
Clocks
D Direct Clear for Each 4-Bit Counter
D Can Significantly Improve System
Densities by Reducing Counter Package
Count by 50 Percent
description/ordering information
The ’HC393 devices contain eight flip-flops and
additional gating to implement two individual 4-bit
counters in a single package. These devices
comprise two independent 4-bit binary counters,
each having a clear (CLR) and a clock (CLK)
input. N-bit binary counters can be implemented
with each package, providing the capability of
divide by 256. The ’HC393 devices have parallel
outputs from each counter stage so that any
submultiple of the input count frequency is
available for system timing signals.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC393N
SN74HC393N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC393D
HC393
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC393DR
HC393
–40 C to 85 C
Reel of 250
SN74HC393DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC393NSR
HC393
SSOP – DB
Reel of 2000
SN74HC393DBR
HC393
TSSOP – PW
Tube of 90
SN74HC393PW
HC393
TSSOP – PW
Reel of 2000
SN74HC393PWR
HC393
Reel of 250
SN74HC393PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC393J
SNJ54HC393J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC393W
SNJ54HC393W
LCCC – FK
Tube of 55
SNJ54HC393FK
SNJ54HC393FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2CLR
NC
2QA
NC
2QB
1QA
NC
1QB
NC
1QC
SN54HC393 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN54HC393 ...J OR W PACKAGE
SN74HC393 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1CLK
1CLR
1QA
1QB
1QC
1QD
GND
VCC
2CLK
2CLR
2QA
2QB
2QC
2QD
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC393N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC393N TI-SN74HC393N Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393N TI1-SN74HC393N Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393N3 TI-SN74HC393N3 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393N3 TI1-SN74HC393N3 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN74HC393NE4 TI-SN74HC393NE4 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
More results

Similar Description - SN74HC393N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC393 RENESAS-HD74HC393_15 Datasheet
109Kb / 9P
   Dual 4-bit Binary Counters
HD74HC393 RENESAS-HD74HC393 Datasheet
89Kb / 7P
   Dual 4-bit Binary Counters
logo
Hitachi Semiconductor
HD74LV393A HITACHI-HD74LV393A Datasheet
64Kb / 15P
   Dual 4-bit Binary Counters
HD74HC393 HITACHI-HD74HC393 Datasheet
47Kb / 9P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A Datasheet
367Kb / 14P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
SN54HC393 TI-SN54HC393_07 Datasheet
612Kb / 21P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LV393A RENESAS-HD74LV393A Datasheet
85Kb / 11P
   Dual 4-bit Binary Counters
logo
Texas Instruments
SN54LV393A TI-SN54LV393A_07 Datasheet
525Kb / 18P
[Old version datasheet]   DUAL 4-BIT BINARY COUNTERS
logo
Renesas Technology Corp
HD74LS393 RENESAS-HD74LS393 Datasheet
69Kb / 7P
   Dual 4-bit Binary Counters
HD74LV393A RENESAS-HD74LV393A_15 Datasheet
110Kb / 13P
   Dual 4-bit Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com