Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CKM13EFW01 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # CKM13EFW01
Description  High Security Keylocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

CKM13EFW01 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  CKM13EFW01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. CKM13EFW01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. CKM13EFW01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. CKM13EFW01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. CKM13EFW01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. CKM13EFW01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
High Security Keylocks
Series CK
TYPICAL SWITCH DIMENSIONS
16mm Bushing • Flat Key
16mm Bushing • Tubular Key
CKM12AFW01
CKM13ETW01
PANEL CUTOUT & STANDARD HARDWARE FOR 16MM BUSHING
Maximum Effective
Panel Thickness:
.469” (11.9mm)
AT016
16mm Hex Mounting Nut
for CKM
1 included with each switch
Brass with nickel plating
(19.0)
.748
(3.1)
.122
M16 P1
90°
Angular
Throw
45°
Angular
Throw
90°
Angular
Throw
45°
Angular
Throw
M16 P1
(1.2) x (2.4)
.047 x.094
(5.0)
.197
(16.0)
.630
(4.0)
.157
(20.0)
.787
(24.0)
.945
(35.2)
1.386
(20.0)
.787
(0.9)
.035
(1.4)
.055
0 0 6
90
°
POS 1
POS 3
(19.0) Dia
.748
M16 P1
(1.2) x (2.4)
.047 x .094
(5.0)
.197
(16.0)
.630
(4.0)
.157
(20.0)
.787
(24.0)
.945
(35.2)
1.386
(0.9)
.035
45
°
POS 1
POS 3
(19.0) Dia
.748
POS 2
45
°
0 1 7
45
°
POS 1
POS 3
(19.0) Dia
.748
POS 2
45
°
M16 P1
(1.2) x (2.4)
.047 x .094
(5.0)
.197
(16.0)
.630
(4.0)
.157
(25.0)
.984
(29.0)
1.142
(35.2)
1.386
017
0 0 4
90
°
POS 1
POS 3
(19.0) Dia
.748
M16 P1
(1.2) x (2.4)
.047 x .094
(5.0)
.197
(16.0)
.630
(4.0)
.157
(25.0)
.984
(29.0)
1.142
(35.2)
1.386
(15.0)
.591
(11.0)
.433
0 0 4
C O M
(14.2)
.559
C O M
(14.2)
.559
C O M
(14.2)
.559
C O M
(14.2)
.559
(16.0) Dia
.630
(14.6)
.575


Similar Part No. - CKM13EFW01

ManufacturerPart #DatasheetDescription
logo
GREATECS
CKM13ETW01 GREATECS-CKM13ETW01 Datasheet
919Kb / 1P
   High Security Keylock Switches with 횠16mm Bushing
More results

Similar Description - CKM13EFW01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SK12AAW01 NKK-SK12AAW01 Datasheet
324Kb / 6P
   Low & Medium Security Keylocks
SK12AG13 NKK-SK12AG13 Datasheet
262Kb / 6P
   Process Sealed Keylocks
SK13AEG13 NKK-SK13AEG13 Datasheet
137Kb / 4P
   Antistatic Process Sealed Keylocks
logo
OmniVision Technologies...
OV07949-C10A OMNIVISION-OV07949-C10A Datasheet
234Kb / 2P
   high-performance security CameraChip sensor
OV7949 OMNIVISION-OV7949 Datasheet
234Kb / 2P
   high-performance security CameraChip sensor
logo
ATMEL Corporation
AT88SC018 ATMEL-AT88SC018_14 Datasheet
255Kb / 33P
   High Security Features in Hardware
AT88SC1608 ATMEL-AT88SC1608_14 Datasheet
482Kb / 24P
   High Security Memory Including Anti-wiretapping
logo
Broadcom Corporation.
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
   Security Processor
logo
PHOENIX CONTACT
2701875 PHOENIX-2701875 Datasheet
57Kb / 4P
   Maximum security
2903440 PHOENIX-2903440 Datasheet
370Kb / 9P
   Maximum security
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com