Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS12BP Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part No. AS12BP
Description  Subminiature Slides
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Homepage  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AS12BP Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  AS12BP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Slides
Series AS
(2.4)
.094
(2.4)
.094
(2.5)
.098
(2.4)
.094
(2.4)
.094
(3.8)
.150
(2.4)
.094
(2.4)
.094
ACTUATORS
Use of a support bracket is recommended to increase PCB mounting strength and stability.
TYPICAL SWITCH DIMENSIONS
Straight PC
Single Pole
AS12AP
Actuator shown in LEFT position
Single throw models do not have terminal 2.
Flush
Actuator Color: Gray standard; contact factory for other colors.
A
B
C
Straight
Straight
with Bracket
P
B
Right Angle
with Bracket
H
Vertical
with Bracket
V
(2.54) Typ
.100
(0.6) Dia Typ
.024
(5.08) Typ
.200
(0.8)
.031
(8.8)
.346
(9.0)
.354
(5.08)
.200
(5.08)
.200
(10.16)
.400
(9.0)
.354
(8.8)
.346
(2.54) Typ
.100
(0.3) Typ
.012
(0.7) Typ
.028
(0.6) Dia Typ
.024
(5.08)
.200
(5.08)
.200
(2.54) Typ
.100
(0.3)
.012
(0.7)
.028
(9.0)
.354
(8.8)
.346
(0.6) Dia Typ
.024
(0.5) Typ
.020
(9.0)
.354
(2.54) Typ
.100
(2.54) Typ
.100
(5.08)
.200
(0.6) Dia Typ
.024
(8.8)
.346
(0.5)
.020
(0.7)
.028
(0.3)
.012
Straight PC
Double Pole
AS12AB
Actuator shown in LEFT position
.150” (3.8mm) Long
.098” (2.5mm) Long
AS22AP
Actuator shown in LEFT position
Straight PC • Bracket
Single Pole
(9.1)
.358
(2.06)
.081
(2.54) Typ
.100
(2.5) Travel
.098
(0.6) Dia Typ
.024
(2.5)
.098
(3.1)
.122
(0.8)
.031
P/N This Side
(9.8)
.386
3
2
1
(1.0)
.039
CL
(2.4) Sq
.094
(0.4) Typ
.016
(0.3)
.012
(5.38)
.212
(9.8)
.386
(5.08)
.200
1
2
3
4
5
6
(9.1)
.358
(2.06)
.081
(2.54) Typ
.100
(2.5) Travel
.098
(0.6) Dia Typ
.024
(2.5)
.098
(3.1)
.122
(0.8)
.031
P/N This Side
(9.2)
.362
(0.4)
.016
(0.4) Typ
.016
(2.4) Sq
.094
(9.8)
.386
1
2
3
(0.7) Typ
.028
(1.0)
.039
(2.54)
.100
CL
(10.16)
.400
(9.1)
.358
(2.06)
.081
(0.3) Typ
.012
(0.6) Dia Typ
.024
(2.54) Typ
.100
(3.1)
.122
(0.8)
.031
(2.5)
.098
(2.5) Travel
.098
P/N This Side
(0.3)
.012
(5.7)
.224
(2.4) Sq
.094
(2.54) Typ
.100
3
1
2
(0.8) Dia Typ
.031
(1.0)
.039
CL
(0.8) Dia Typ
.031
6
4
5
2
3
1
(2.54) Typ
.100
(5.08)
.200
3
1
2
(2.54) Typ
.100
(0.8) Dia Typ
.031
(1.0)
.039
CL
(2.54)
.100
PC TERMINALS


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
QEB363_06Subminiature Plastic Infrared Emitting Diode 1 2 3 4 5 Fairchild Semiconductor
AM27SGD09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520SEC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27EC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27SYC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520MGC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation
AM2520EF-4SGDSUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520EJ-IDSUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
TCUT1300X01Subminiature Dual Channel Transmissive Optical Sensor with 1 2 3 4 5 MoreVishay Siliconix
HF32FA-TSUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn