Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS12BP Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part No. AS12BP
Description  Subminiature Slides
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Homepage  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

AS12BP Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  AS12BP Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. AS12BP Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Subminiature Slides
Series AS
POLES
1
SPST
SPDT
2
DPDT
SP3T
TYPICAL SWITCH ORDERING EXAMPLE
2
H
AS
DPDT
ON-NONE-ON Circuit
Right Angle PC Terminals
Slide Position
Connected Terminals
Throw & Schematics
Pole
Model
Left
Center
Right
Left
Center
Right
Note: Terminal numbers are not
actually on the switch.
SP
AS11
ON
NONE
OFF
3-1
OPEN
OPEN
SPST
SP
AS12
AS13
ON
ON
NONE
OFF
ON
ON
2-1
2-1
OPEN
OPEN
2-3
2-3
SPDT
DP
AS22
AS23
ON
ON
NONE
OFF
ON
ON
2-1 5-4
2-1 5-4
OPEN
OPEN
2-3 5-6
2-3 5-6
DPDT
CIRCUITS
1
ON
NONE
OFF
2
ON
NONE
ON
3
ON
OFF
ON
4
ON
ON
ON
2
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
AS22AH
POLES & CIRCUITS
A
ACTUATORS
A
.098” (2.5mm) Long
B
Flush
C
.150” (3.8mm) Long
PC TERMINALS
P
Straight
B
Straight with Bracket
H
Right Angle with Bracket
V
Vertical with Bracket
Bracketed models are
ESD protected
*
*
*
*
.098” (2.5mm) Long
Actuator
3
1
INTERNAL
CONNECTION
1
3
4
6
2
5
(COM)
For 3 Throw (3-On)
Connected Terminals & Schematics
External Connection
Pole
Model
Left
Center
Right
The SP3T model utilizes
a double pole base.
External
connections
must be
made
during field
installation.
SP
AS24
ON
2-1 5-4
ON
2-3 5-4
ON
2-3 5-6
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
2 (COM)
3
1
3
6
2
5
4
1
Common
(in)
(out)
(out)
(out)
External
Conn
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
QEB363_06Subminiature Plastic Infrared Emitting Diode 1 2 3 4 5 Fairchild Semiconductor
AM27SGD09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520SEC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27EC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM27SYC08SUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520MGC09SUBMINIATURE SOLID STATE LAMP 1 2 3 4 5 Kingbright Corporation
AM2520EF-4SGDSUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
AM2520EJ-IDSUBMINIATURE SOLID STATE LAMP 1 2 3 4 Kingbright Corporation
TCUT1300X01Subminiature Dual Channel Transmissive Optical Sensor with 1 2 3 4 5 MoreVishay Siliconix
HF32FA-TSUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY 1 2 3 Hongfa Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn