Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WVL-2B1050414 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # WVL-2B1050414
Description  Broadband (Fabry-Perot) Wavelength Locker
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

WVL-2B1050414 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  WVL-2B1050414 Datasheet HTML 1Page - JDS Uniphase Corporation WVL-2B1050414 Datasheet HTML 2Page - JDS Uniphase Corporation WVL-2B1050414 Datasheet HTML 3Page - JDS Uniphase Corporation WVL-2B1050414 Datasheet HTML 4Page - JDS Uniphase Corporation WVL-2B1050414 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
BROADBAND (FABRY-PEROT ) WAVELENGTH LOCKER
Sample: WVL-2B1050410
WVL-2B1050
Code
Fiber Type
1
250 µm fiber (SMF-28)2
4
900 µm tight buffer (SMF-28)
Code
Fiber Length
11 meter 3
Code
Connector 1
0No connector
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
1. Insertion loss and return loss change depend on connector type.
2. Not available with connector.
3. Tolerance +10 cm, -0 cm
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 10114013 004 0908
WVL.DS.CC.AE
September 2008
SMF-28 is a registered trademark of Corning Incorporated. ST is a registered trademark of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - WVL-2B1050414

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WVL VISHAY-WVL Datasheet
114Kb / 4P
   Inductors, Variable, Subminiature
Revision: 10-Aug-06
WVL9EBR10K VISHAY-WVL9EBR10K Datasheet
114Kb / 4P
   Inductors, Variable, Subminiature
Revision: 10-Aug-06
More results

Similar Description - WVL-2B1050414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
81663A HP-81663A Datasheet
181Kb / 5P
   DFB Laser Fabry-Perot Lasers
logo
Emcore Corporation
G1033-201 EMCORE-G1033-201 Datasheet
423Kb / 3P
   10G 1310 nm Fabry-Perot Laser Chip
logo
Finisar Corporation.
FP-1310-4I-LCB FINISAR-FP-1310-4I-LCB Datasheet
557Kb / 7P
   1310nm FABRY-PEROT (FP) LASER DIODE, LC TOSA
FP-1310-5I-XXX FINISAR-FP-1310-5I-XXX Datasheet
377Kb / 7P
   1310 NM FABRY-PEROT LASER DIODE PIGTAILED PACKAGE
logo
Eudyna Devices Inc
FLD5F20CE-E EUDYNA-FLD5F20CE-E Datasheet
424Kb / 6P
   1,550nm MI DFB Laser with Integrated Wavelength Locker
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60404 ZARLINK-ZL60404 Datasheet
315Kb / 9P
   1.25 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
ZL60401 ZARLINK-ZL60401 Datasheet
308Kb / 9P
   622 Mbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Agere Systems
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
logo
JDS Uniphase Corporatio...
21065427 JDSU-21065427 Datasheet
86Kb / 4P
   Uncooled 1310 nm Fabry-Perot (FP) Source Laser in LC Transmitter Optical Sub-assembly (TOSA)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com