Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWS-A00121004 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FWS-A00121004
Description  1480/15501590 nm Filter Wavelength Division Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-A00121004 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FWS-A00121004 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-A00121004 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-A00121004 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FWS-A00110000
Code
Fiber Type
1
250 µm fiber
2
900 µm fiber
Code
Wavelength
A
1480/1550+1590 nm
FWS-
1480/1550+1590 NM
FILTER WAVELENGTH DIVISION MULTIPLEXERS
Code
Connector1,2
0
No connector
1FC/SPC
2
FC/APC
3
SC/SPC
4
SC/APC
5ST
6
LC/SPC
A 00
00
1. Connectors available only with 900 µm fiber option.
2. Other connectors available upon request.
Code
Model
1
Pass 1480/reflect 1550+1590
2
Pass 1550+1590 / reflect 1480
Code
Package
0
Standard
1
Miniature
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 21021901 003 0708 WDMFILTER1480PUMP.DS.CC.AE
July 2008
SMF-28 is a registered trademark of Corning Incorporated. Telcordia is a registered trademark of Telcordia Technologies Incorporated.


Similar Part No. - FWS-A00121004

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWS-10A20F COOPER-FWS-10A20F Datasheet
1Mb / 21P
   Ferrule fuses
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1205 POWER-SYSTEMS-FWS-1205 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1209 POWER-SYSTEMS-FWS-1209 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1212 POWER-SYSTEMS-FWS-1212 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - FWS-A00121004

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FWS-F00110000 JDSU-FWS-F00110000 Datasheet
141Kb / 3P
   1550/1590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
FWS-D10010000 JDSU-FWS-D10010000 Datasheet
149Kb / 3P
   1510/1550 and 1550/1625 nm Filter Wavelength Division Multiplexers
FWS-360S31000 JDSU-FWS-360S31000 Datasheet
156Kb / 3P
   1536/1554 nm 3-Port Bandpass Wavelength Division Multiplexers
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
logo
OPLINK Communications I...
MWDMG1514-S0029 OPLINK-MWDMG1514-S0029 Datasheet
286Kb / 2P
   Green 1480/1550 nm Micro-Optic WDM
logo
JDS Uniphase Corporatio...
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
   Time Division Multiplexers
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
   Time Division Multiplexers
logo
OPLINK Communications I...
WTIH1514-S0080 OPLINK-WTIH1514-S0080 Datasheet
344Kb / 2P
   1480/1550(1585)nm WDM/ Tap Couper/ Isolator Hybrid Combination
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com