Electronic Components Datasheet Search |
|
D208EI Datasheet(PDF) 2 Page - MicroPower Direct, LLC |
|
D208EI Datasheet(HTML) 2 Page - MicroPower Direct, LLC |
2 / 2 page Notes: • All dimensions are typical in inches (mm) • Tolerance x.xx = ±0.01 (±0.25) • Pin 1 is marked by a “dot” or indentation on the side of the unit Model Number Input Output Load Regulation (%, Max) Efficiency (%, Typ) Fuse Rating Slow-Blow (mA) Voltage (VDC) Current (mA) Voltage (VDC) Current (mA, Max) Current (mA, Min) Nominal Range Full-Load No-Load D201EI 5 4.5 - 5.5 500 30 5.0 400.0 40.0 15 80 1,000 D202EI 5 4.5 - 5.5 494 30 9.0 222.0 23.0 15 81 1,000 D203EI 5 4.5 - 5.5 488 30 12.0 167.0 17.0 15 82 1,000 D204EI 5 4.5 - 5.5 476 30 15.0 133.0 14.0 15 84 1,000 D205EI 5 4.5 - 5.5 488 30 ±5.0 ±200.0 ±20.0 15 82 1,000 D206EI 5 4.5 - 5.5 482 30 ±9.0 ±111.0 ±12.0 15 83 1,000 D207EI 5 4.5 - 5.5 470 30 ±12.0 ±83.0 ±9.0 15 85 1,000 D208EI 5 4.5 - 5.5 470 30 ±15.0 ±67.0 ±7.0 15 85 1,000 D211EI 12 10.8 - 13.2 208 15 5.0 400.0 40.0 15 80 500 D212EI 12 10.8 - 13.2 201 15 9.0 222.0 23.0 15 83 500 D213EI 12 10.8 - 13.2 198 15 12.0 167.0 17.0 15 84 500 D214EI 12 10.8 - 13.2 196 15 15.0 133.0 14.0 15 85 500 D215EI 12 10.8 - 13.2 201 15 ±5.0 ±200.0 ±20.0 15 83 500 D216EI 12 10.8 - 13.2 198 15 ±9.0 ±111.0 ±12.0 15 84 500 D217EI 12 10.8 - 13.2 194 15 ±12.0 ±83.0 ±9.0 15 86 500 D218EI 12 10.8 - 13.2 194 15 ±15.0 ±67.0 ±7.0 15 86 500 D221EI 24 21.6 - 26.4 103 8 5.0 400.0 40.0 15 81 200 D222EI 24 21.6 - 26.4 99 8 9.0 222.0 23.0 15 84 200 D223EI 24 21.6 - 26.4 98 8 12.0 167.0 17.0 15 85 200 D224EI 24 21.6 - 26.4 97 8 15.0 133.0 14.0 15 86 200 D225EI 24 21.6 - 26.4 99 8 ±5.0 ±200.0 ±20.0 15 84 200 D226EI 24 21.6 - 26.4 98 8 ±9.0 ±111.0 ±12.0 15 85 200 D227EI 24 21.6 - 26.4 96 8 ±12.0 ±83.0 ±9.0 15 87 200 D228EI 24 21.6 - 26.4 96 8 ±15.0 ±67.0 ±7.0 15 87 200 Pin Single Dual Pin Single Dual 1 +Vin +Vin 6 No Pin Common 2 -Vin -Vin 7 +Vout +Vout 5 -Vout -Vout Derating Curve Notes: 1. Output load regulation is specified for a load change of 10% to 100%. 2. These units should not be operated with a load under 10% of full load. Operation at no-load may cause damage to the unit. 3. These converters will operate without external components. However, when measuring output ripple, it is recommended that an external ceramic capacitor be placed from the +Vout pin to the -Vout pin for single output units and from each out- put to common for dual output units. An input capacitor will enhance stability over temperature and input line variations. Recommended capacitor values are given in the table below. For applications requiring very low output noise levels, a simple LC filter should be effective. 4. Dual output units may be connected to provide a 10V, 18V, 24V or 30 VDC output. To do this, connect the load across the posi- tive (+Vout) and negative (-Vout) outputs and float the output common 5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating. Vin Input Capacitor Vout Output Capacitor Single Dual 5 VDC 4.7 µF 5 VDC 10.0 µF 4.7 µF 12 VDC 2.2 µF 9 VDC 4.7 µF 2.2 µF 24 VDC 1.0 µF 12 VDC 2.2 µF 1.0 µF 15 VDC 1.0 µF 0.47 µF Model Selection Guide Mechanical Dimensions Pin Connections MicroPower Direct www.micropowerdirect.com 292 Page Street Ste D Stoughton, MA 02072 • TEL: (781) 344-8226 • FAX: (781) 344-8481 • E-Mail: sales@micropowerdirect.com |
Similar Part No. - D208EI |
|
Similar Description - D208EI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |