Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D204ERU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # D204ERU
Description  Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

D204ERU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  D204ERU Datasheet HTML 1Page - MicroPower Direct, LLC D204ERU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Mechanical Dimensions
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
D201ERU
24
9.0 - 36.0
114
35
3.3
500.0
50.0
73
500
D202ERU
24
9.0 - 36.0
111
35
5.0
400.0
40.0
75
500
D203ERU
24
9.0 - 36.0
107
35
9.0
222.0
22.0
78
500
D204ERU
24
9.0 - 36.0
102
35
12.0
167.0
16.0
82
500
D205ERU
24
9.0 - 36.0
103
35
15.0
133.0
13.0
81
500
D206ERU
24
9.0 - 36.0
110
35
±5.0
±200.0
±20.0
76
500
D207ERU
24
9.0 - 36.0
107
35
±9.0
±111.0
±11.0
78
500
D208ERU
24
9.0 - 36.0
102
35
±12.0
±83.0
±8.0
82
500
D209ERU
24
9.0 - 36.0
103
35
±15.0
±67.0
±7.0
81
500
D211ERU
48
18.0 - 72.0
58
15
3.3
500.0
50.0
72
200
D212ERU
48
18.0 - 72.0
55
15
5.0
400.0
40.0
76
200
D213ERU
48
18.0 - 72.0
53
15
9.0
222.0
22.0
78
200
D214ERU
48
18.0 - 72.0
51
15
12.0
167.0
16.0
81
200
D215ERU
48
18.0 - 72.0
52
15
15.0
133.0
13.0
80
200
D216ERU
48
18.0 - 72.0
55
15
±5.0
±200.0
±20.0
75
200
D217ERU
48
18.0 - 72.0
54
15
±9.0
±111.0
±11.0
77
200
D218ERU
48
18.0 - 72.0
51
15
±12.0
±83.0
±8.0
81
200
D219ERU
48
18.0 - 72.0
52
15
±15.0
±67.0
±7.0
80
200
Pin
Single
Dual
Pin
Single
Dual
1
-Vin
-Vin
7
NC
Common
2
+Vin
+Vin
8
NC
NC
3
Remote ON/OFF
9
-Vout
-Vout
6
+Vout
+Vout
NC = No Connection
Pin Connections
Notes:
1. When measuring output ripple, it is recommended that an external ceramic capacitor
(approx. 1 µF to 10 µF) be placed from the +Vout pin to the -Vout pin for single output
units and from each output to common for dual output units.
2. These units should not be operated with a load under 10% of full load. Operation at
no-load may cause damage to the unit.
3. These converters are specified for
operation without external compo-
nents. However, in some applica-
tions the addition of input/output
capacitors will enhance stability and
reduce output ripple. Recommended
capacitor values are given at right.
Output ripple on single output units
may be further enhanced by using
the CS terminal (single output units
operated at 50% load or below
should use this function). A low ESR capacitor is connected between the CS pin and the
-Vout pin (the capcitor anode connected to the -Vout pin). Recommended capacitor
values are given in the table at right. If not used, the CS pin should be left open.
4. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do
this, connect the load across the +Vout and -Vout outputs and float the output com-
mon.
5. The remote on/off control pin is referenced to
the -Vin pin. Input current to the pin should
be between 5 - 10 mA with a maximum of 20
mA.
6. It is recommended that a fuse be used on the
input of a power supply for protection. See the Model Selection
table above for the correct rating.
Vin
Input
Capacitor
Vout
Output
Capacitor
12 VDC
100
µF
5 VDC
47
µF
15 VDC
100
µF
9 VDC
47
µF
24 VDC
10
µF
12 VDC
47
µF
48 VDC
10
µF
15 VDC
47
µF
Output Voltage
3.3
5
9
12
15
820
µF
660
µF
470
µF
330
µF
220
µF
±5
±9
±12
±15
±330
µF ±220 µF ±150 µF ±120 µF
Min
Max
On
<0.6 VDC to Open Circuit
Off
2.7 VDC
15.0 VDC
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Mechanic
All dime
Toleranc
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Derating Curve
Max. Capacitive Load


Similar Part No. - D204ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D204ERU MPD-D204ERU Datasheet
319Kb / 2P
   D200ERU SERIES
More results

Similar Description - D204ERU

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E200E MPD-E200E Datasheet
201Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
   Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
D200RU MPD-D200RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
logo
List of Unclassifed Man...
D221RW ETC1-D221RW Datasheet
70Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
logo
MicroPower Direct, LLC
D200RW MPD-D200RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
D100ERW MPD-D100ERW Datasheet
185Kb / 2P
   Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
   Low Cost, 2W High Isolation SIP DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
D200ERW MPD-D200ERW Datasheet
188Kb / 2P
   Low Cost, Miniature 2W SIP, Wide Input DC/DC Con vert ers
MD200XE MPD-MD200XE Datasheet
350Kb / 2P
   Low Cost, 2W Miniature SIP DC/DC Con vert ers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com