Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

86076012A Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # 86076012A
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

86076012A Datasheet(HTML) 12 Page - Texas Instruments

Back Button 86076012A Datasheet HTML 8Page - Texas Instruments 86076012A Datasheet HTML 9Page - Texas Instruments 86076012A Datasheet HTML 10Page - Texas Instruments 86076012A Datasheet HTML 11Page - Texas Instruments 86076012A Datasheet HTML 12Page - Texas Instruments 86076012A Datasheet HTML 13Page - Texas Instruments 86076012A Datasheet HTML 14Page - Texas Instruments 86076012A Datasheet HTML 15Page - Texas Instruments 86076012A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
SN54HC163, SN74HC163
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS298D − JANUARY 1996 − REVISED − OCTOBER 2003
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
n-bit synchronous counters (continued)
The glitch on RCO is caused because the propagation delay of the rising edge of QA of the second stage is
shorter than the propagation delay of the falling edge of ENT. RCO is the product of ENT, QA, QB, QC, and QD
(ENT
× QA × QB × QC × QD). The resulting glitch is about 7−12 ns in duration. Figure 3 shows the condition in
which the glitch occurs. For simplicity, only two stages are being considered, but the results can be applied to
other stages. QB, QC, and QD of the first and second stage are at logic one, and QA of both stages are at logic
zero (1110 1110) after the first clock pulse. On the rising edge of the second clock pulse, QA and RCO of the
first stage go high. On the rising edge of the third clock pulse, QA and RCO of the first stage return to a low level,
and QA of the second stage goes to a high level. At this time, the glitch on RCO of the second stage appears
because of the race condition inside the chip.
12
3
4
5
CLK
ENT1
QB1, QC1, QD1
QA1
RCO1, ENT2
QB2, QC2, QD2
QA2
RCO2
Glitch (7−12 ns)
Figure 3
The glitch causes a problem in the next stage (stage three) if the glitch is still present when the next rising clock
edge appears (clock pulse 4). To ensure that this does not happen, the clock frequency must be less than the
inverse of the sum of the clock-to-RCO propagation delay and the glitch duration (tg). In other words,
fmax = 1/(tpd CLK-to-RCO + tg). For example, at 25°C at 4.5-V VCC, the clock-to-RCO propagation delay is
43 ns and the maximum duration of the glitch is 12 ns. Therefore, the maximum clock frequency that the
cascaded counters can use is 18 MHz. The following tables contain the fclock, tw, and fmax specifications for
applications that use more than two ’HC163 devices cascaded together.


Similar Part No. - 86076012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
86076012A TI1-86076012A Datasheet
965Kb / 27P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - 86076012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
logo
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
logo
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com