Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS202PK Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS202PK
Description  Plastic-Encapsulated Small Signal Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS202PK Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS202PK Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS202PK Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SCS202PK
80 V, 300 mA
Plastic-Encapsulated
Small Signal Switching Diode
01-June-2008 Rev. C
Page 2 of 2
CHARACTERISTIC CURVES
SCS202PK


Similar Part No. - SCS202PK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS202PK SECOS-SCS202PK_15 Datasheet
197Kb / 2P
   Small Signal Switching Diode
More results

Similar Description - SCS202PK

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS193K SECOS-SCS193K Datasheet
311Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_09 Datasheet
380Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS193K SECOS-SCS193K_15 Datasheet
311Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS226K_15 SECOS-SCS226K_15_07 Datasheet
351Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS202NK SECOS-SCS202NK Datasheet
316Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_15 Datasheet
351Kb / 2P
   Plastic-Encapsulated Small Signal Switching Diode
SCS202NK SECOS-SCS202NK_11 Datasheet
325Kb / 2P
   0.3A , 80V Plastic-Encapsulated Small Signal Switching Diode
SCS226K SECOS-SCS226K_11 Datasheet
351Kb / 2P
   0.3A , 85V Plastic-Encapsulated Small Signal Switching Diode
BAL99 SECOS-BAL99 Datasheet
121Kb / 2P
   Plastic-Encapsulated Switching Diode
MMBD4448F SECOS-MMBD4448F Datasheet
225Kb / 2P
   Plastic-Encapsulated Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com