Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OAC-17F03500CC Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # OAC-17F03500CC
Description  17 dBm Controlled EDFA for Metro and Long Haul Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

OAC-17F03500CC Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  OAC-17F03500CC Datasheet HTML 1Page - JDS Uniphase Corporation OAC-17F03500CC Datasheet HTML 2Page - JDS Uniphase Corporation OAC-17F03500CC Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
OA 3500 AMPLIFIER SERIES
Specifications
Parameter
OAC-17F3500Cx
Signal wavelength
1530 to 1563 nm
Total input signal power (full channel load)
-28 to 12 dBm
Total output signal power
17 dBm
Signal gain (design point)
5 to 23 dB
Flatness
1.0 dB
Noise figure
6.0 dB
Gain transient suppression time
See table below
Gain transient overshoot/undershoot
See table below
Power supply requirements
5 V
Dimensions (W x H x D)
130 x 212 x 14.75 mm
Operating temperature
-5 to 70 °C
Gain Transient
Transient Event
Maximum Excursion (Overshoot/Undershoot)
Settling Time (Typical)
Settling Time (Maximum)
3 dB add/drop
0.8 dB
150
300
9 dB add/drop
1.5 dB
200
400
15 dB add/drop
2.0 dB
300
500


Similar Part No. - OAC-17F03500CC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OAC-15 MACOM-OAC-15 Datasheet
77Kb / 4P
   IAC/OAC IDC/ODC Input/Output Modules
OAC-15A MACOM-OAC-15A Datasheet
77Kb / 4P
   IAC/OAC IDC/ODC Input/Output Modules
OAC-15E MACOM-OAC-15E Datasheet
77Kb / 4P
   IAC/OAC IDC/ODC Input/Output Modules
OAC-15F MACOM-OAC-15F Datasheet
77Kb / 4P
   IAC/OAC IDC/ODC Input/Output Modules
OAC-15H MACOM-OAC-15H Datasheet
77Kb / 4P
   IAC/OAC IDC/ODC Input/Output Modules
More results

Similar Description - OAC-17F03500CC

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
OAC-21F4500C3 JDSU-OAC-21F4500C3 Datasheet
129Kb / 3P
   21.5 dBm Controlled Erbium Doped Fiber Amplifier (EDFA) for Long Haul and Ultra Long Haul Applications
logo
Infineon Technologies A...
PEB2256 INFINEON-PEB2256 Datasheet
5Mb / 490P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 3, Aug. 2002
PEB2255 INFINEON-PEB2255 Datasheet
4Mb / 374P
   E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
DS 1, July 2000
PEF2256HV2.2 INFINEON-PEF2256HV2.2 Datasheet
5Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
DS1.1, Oct. 2003
PEF2256H INFINEON-PEF2256H Datasheet
6Mb / 518P
   E1/T1/J1 Framer and Line Interface Component for Long- and Short-Haul Applications
Version 2.1 Oct. 2003
logo
Integrated Device Techn...
IDT821621 IDT-IDT821621 Datasheet
322Kb / 21P
   LONG HAUL SLIC
logo
Infineon Technologies A...
PEF22504E INFINEON-PEF22504E Datasheet
7Mb / 255P
   Quad E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.3, Jan. 2006
logo
Ericsson
PGE60830 ERICSSON-PGE60830 Datasheet
314Kb / 4P
   EDFA Gain Block for DWDM Applications
logo
Infineon Technologies A...
PEF22508E INFINEON-PEF22508E Datasheet
10Mb / 193P
   Octal E1/T1/J1 Line Interface Component for Long- and Short-Haul Applications
Rev. 1.0, June 2005
logo
Ericsson
PGE60831 ERICSSON-PGE60831 Datasheet
304Kb / 4P
   EDFA Gain Block for DWDM Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com