Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBCR107S Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SBCR107S
Description  VOLTAGE 200V ~ 1000V 1.0AMP Miniature Surface Mount Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SBCR107S Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SBCR107S Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SBCR107S Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Apr-2005 Rev. A
Page 2 of 2
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.0
0.6
1.2
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PULSE WIDTH=300uS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
o
C
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.0
0.6
1.2
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PULSE WIDTH=300uS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
o
C
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.0
0.6
1.2
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PULSE WIDTH=300uS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
o
C
FIG.1 - FORWARD CURRENT DERATING CURVE
0.4
0.2
0.8
1.0
0.6
1.2
0
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE,
o
C
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
PULSE WIDTH=300uS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
TJ=25
o
C
VOLTAGE 200V ~ 1000V
1.0AMP Miniature Surface Mount Bridge Rectifier
s
RATINGS AND CHARACTERISTIC CURVES SBCR103S THRU SBCR107S
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.2
0.8
1.0
0.6
1.2
0.10
1.00
10.00
0.01
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
PULSE WIDTH=300uS
AMBIENT TEMPERATURE,
o
C
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
60 Hz Resistive or
Inductive load
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
0
10
20
30
40
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.10
1.0
10.0
100
TJ=100
oC
TJ=25
oC
20
40
60
80
120
140
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
TJ = 25
oC
REVERSE VOLTAGE, VOLTS
.1
1
100
.2
.4
1.0
2
4
10
20
40
100
10
TJ=25
oC
SBCR103S THRU SBCR107S


Similar Part No. - SBCR107S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBC-11 MACOM-SBC-11 Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
SBC-11 MACOM-SBC-11 Datasheet
199Kb / 3P
   Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBC-11 TEC-SBC-11 Datasheet
199Kb / 3P
   High Power Resistor
logo
Tyco Electronics
SBC-15 MACOM-SBC-15 Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
SBC-15 MACOM-SBC-15 Datasheet
199Kb / 3P
   Type SBC (Square Ceramic) Series
More results

Similar Description - SBCR107S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S1DLW TSC-S1DLW Datasheet
196Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
S1D-K TSC-S1D-K Datasheet
363Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S1D-K TMT-S1D-K Datasheet
363Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S1D-T TSC-S1D-T Datasheet
377Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Memory Technolog...
S1DLW TMT-S1DLW_16 Datasheet
196Kb / 4P
   1A, 200V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
S15DLW TSC-S15DLW Datasheet
470Kb / 5P
   1.5A, 200V - 1000V Surface Mount Rectifiers
logo
WILLAS ELECTRONIC CORP
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
   1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
SeCoS Halbleitertechnol...
TB2S SECOS-TB2S Datasheet
263Kb / 2P
   Voltage 200V ~ 1000V 1.0 Amp Silicon Bridge Rectifiers
MB105 SECOS-MB105 Datasheet
117Kb / 2P
   1.0AMP Single Phase Surface Mount Bridge Rectifiers
logo
Taiwan Semiconductor Co...
HS1DLW TSC-HS1DLW Datasheet
202Kb / 4P
   1A, 200V - 1000V High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com