Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HC165 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54HC165
Description  8-BIT PARALLEL-LOAD SHIFT REGISTERS
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54HC165 Datasheet(HTML) 6 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SN54HC165, SN74HC165
8BIT PARALLELLOAD SHIFT REGISTERS
SCLS116E − DECEMBER 1982 − REVISED SEPTEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC165
SN74HC165
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
5
fclock
Clock frequency
4.5 V
31
21
25
MHz
fclock
Clock frequency
6 V
36
25
29
MHz
2 V
80
120
100
SH/LD low
4.5 V
16
24
20
tw
Pulse duration
SH/LD low
6 V
14
20
17
ns
tw
Pulse duration
2 V
80
120
100
ns
CLK high or low
4.5 V
16
24
20
CLK high or low
6 V
14
20
17
2 V
80
120
100
SH/LD high before CLK
4.5 V
16
24
20
SH/LD high before CLK
6 V
14
20
17
2 V
40
60
50
SER before CLK
4.5 V
8
12
10
SER before CLK
6 V
7
10
9
2 V
100
150
125
tsu
Setup time
CLK INH low before CLK
4.5 V
20
30
25
ns
tsu
Setup time
CLK INH low before CLK
6 V
17
25
21
ns
2 V
40
60
50
CLK INH high before CLK
4.5 V
8
12
10
CLK INH high before CLK
6 V
7
10
9
2 V
100
150
125
Data before SH/LD
4.5 V
20
30
25
Data before SH/LD
6 V
17
26
21
2 V
5
5
5
SER data after CLK
4.5 V
5
5
5
th
Hold time
SER data after CLK
6 V
5
5
5
ns
th
Hold time
2 V
5
5
5
ns
PAR data after SH/LD
4.5 V
5
5
5
PAR data after SH/LD
6 V
5
5
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn