Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54HC163 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54HC163
Description  4-BIT SYNCHRONOUS BINARY COUNTERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC163 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN54HC163 Datasheet HTML 9Page - Texas Instruments SN54HC163 Datasheet HTML 10Page - Texas Instruments SN54HC163 Datasheet HTML 11Page - Texas Instruments SN54HC163 Datasheet HTML 12Page - Texas Instruments SN54HC163 Datasheet HTML 13Page - Texas Instruments SN54HC163 Datasheet HTML 14Page - Texas Instruments SN54HC163 Datasheet HTML 15Page - Texas Instruments SN54HC163 Datasheet HTML 16Page - Texas Instruments SN54HC163 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SN54HC163, SN74HC163
4BIT SYNCHRONOUS BINARY COUNTERS
SCLS298D − JANUARY 1996 − REVISED − OCTOBER 2003
13
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
n-bit synchronous counters (continued)
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC163
SN74HC163
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
3.6
2.5
2.9
fclock
Clock frequency
4.5 V
18
12
14
MHz
fclock
Clock frequency
6 V
21
14
17
MHz
2 V
140
200
170
tw
Pulse duration, CLK high or low
4.5 V
28
40
36
ns
tw
Pulse duration, CLK high or low
6 V
24
36
30
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Note 4)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC163
SN74HC163
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
3.6
2.5
2.9
fmax
4.5 V
18
12
14
MHz
fmax
6 V
21
14
17
MHz
NOTE 4: These limits apply only to applications that use more than two ’HC163 devices cascaded together.
If the ’HC163 devices are used as a single unit, or only two cascaded together, then the maximum clock
frequency that the devices can use is not limited because of the glitch. In these situations, the devices can be
operated at the maximum specifications.
A glitch can appear on RCO of a single ’HC163 device, depending on the relationship of ENT to CLK. Any
application that uses RCO to drive any input, except an ENT of another cascaded ’HC163 device, must take
this into consideration.


Similar Part No. - SN54HC163

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54HC163 TI-SN54HC163 Datasheet
300Kb / 15P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC163 TI1-SN54HC163 Datasheet
965Kb / 27P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI1-SN54HC163 Datasheet
626Kb / 17P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE AND BINARY COUNTERS
SN54HC163J TI1-SN54HC163J Datasheet
965Kb / 27P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC163 TI1-SN54HC163_15 Datasheet
965Kb / 27P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results

Similar Description - SN54HC163

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54LV163A TI1-SN54LV163A_15 Datasheet
947Kb / 26P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC161 TI-CD54AC161 Datasheet
383Kb / 15P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
National Semiconductor (TI)
National Semiconductor ...
54LS161A NSC-54LS161A Datasheet
210Kb / 12P
   Synchronous 4-Bit Binary Counters
Texas Instruments
Texas Instruments
SN54LV161A TI-SN54LV161A_08 Datasheet
610Kb / 22P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54ACT163 TI-CD54ACT163_08 Datasheet
677Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
Fairchild Semiconductor
Fairchild Semiconductor
DM74LS161A FAIRCHILD-DM74LS161A Datasheet
103Kb / 10P
   Synchronous 4-Bit Binary Counters
Texas Instruments
Texas Instruments
CD74AC161ME4 TI-CD74AC161ME4 Datasheet
553Kb / 18P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
CD54AC163 TI-CD54AC163 Datasheet
154Kb / 11P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54HC161 TI-SN54HC161 Datasheet
642Kb / 24P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
SN54LV161A TI-SN54LV161A Datasheet
440Kb / 20P
[Old version datasheet]   4-BIT SYNCHRONOUS BINARY COUNTERS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz