Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4KE10A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # P4KE10A
Description  400W Peak Power / 1.0W Steady State 400W Peak Power TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

P4KE10A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  P4KE10A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH P4KE10A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH P4KE10A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH P4KE10A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Any changing of specification will not be informed individual
P4KE SERIES
400W Peak Power TVS
400W Peak Power / 1.0W Steady State
VOLTAGE 6.8V ~ 440V
P4KE6.8
5.50
6.12
7.48
10
10.8
38.0
1000
P4KE33
26.80
29.70
36.30
1
47.7
8.8
5
P4KE15
12.10
13.50
16.50
1
22.0
19.0
5
P4KE68
55.10
61.20
74.80
1
98.0
4.3
5
P4KE10
8.10
9.00
11.00
1
15.0
28.0
10
P4KE47
38.10
42.30
51.70
1
67.8
6.2
5
P4KE22
17.80
19.80
24.20
1
31.9
13.0
5
P4KE8.2
6.63
7.38
9.02
10
12.5
33.0
200
P4KE39
31.60
35.10
42.90
1
56.4
7.4
5
P4KE18
14.50
16.20
19.80
1
26.5
16.0
5
P4KE12
9.72
10.80
13.20
1
17.3
24.0
5
P4KE56
45.40
50.40
61.60
1
80.5
5.2
5
P4KE27
21.80
24.30
29.70
1
39.1
10.7
5
P4KE7.5
6.05
6.75
8.25
10
11.7
36.0
500
P4KE36
29.10
32.40
39.60
1
52.0
8.0
5
P4KE16
12.90
14.40
17.60
1
23.5
18.0
5
P4KE75
60.70
67.50
82.50
1
108.0
3.9
5
P4KE11
8.92
9.90
12.10
1
16.2
26.0
5
P4KE51
41.30
45.90
56.10
1
73.5
5.7
5
P4KE24
19.40
21.60
26.40
1
34.7
12.0
5
P4KE9.1
7.37
8.19
10.00
1
13.8
30.0
50
P4KE43
34.80
38.70
47.30
1
61.9
6.8
5
P4KE20
16.20
18.00
22.00
1
29.1
14.0
5
P4KE13
10.50
11.70
14.30
1
19.0
22.0
5
P4KE62
50.20
55.80
68.20
1
89.0
4.7
5
P4KE30
24.30
27.00
33.00
1
43.5
9.6
5
P4KE6.8A
5.80
6.45
7.14
10
10.5
40.0
1000
P4KE33A
28.20
31.40
34.70
1
45.7
9.0
5
P4KE15A
12.80
14.30
15.80
1
21.2
20.0
5
P4KE68A
58.10
64.60
71.40
1
92.0
4.6
5
P4KE10A
8.55
9.50
10.50
1
14.5
29.0
10
P4KE47A
40.20
44.70
49.40
1
64.8
6.4
5
P4KE22A
18.80
20.90
23.10
1
30.6
14.0
5
P4KE8.2A
7.02
7.79
8.61
10
12.1
35.0
200
P4KE39A
33.30
37.10
41.00
1
53.9
7.8
5
P4KE18A
15.30
17.10
18.90
1
25.2
17.0
5
P4KE12A
10.20
11.40
12.60
1
16.7
25.0
5
P4KE56A
47.80
53.20
58.80
1
77.0
5.5
5
P4KE27A
23.10
25.70
28.40
1
37.5
11.0
5
P4KE7.5A
6.40
7.13
7.88
10
11.3
37.0
500
P4KE36A
30.80
34.20
37.80
1
49.9
8.4
5
P4KE16A
13.60
15.20
16.80
1
22.5
19.0
5
P4KE75A
64.10
71.30
78.80
1
103.0
4.1
5
P4KE11A
9.40
10.50
11.60
1
15.6
27.0
5
P4KE51A
43.60
48.50
53.60
1
70.1
6.0
5
P4KE24A
20.50
22.80
25.20
1
33.2
13.0
5
P4KE9.1A
7.78
8.65
9.50
1
13.4
31.0
50
P4KE43A
36.80
40.90
45.20
1
59.3
7.1
5
P4KE20A
17.10
19.00
21.00
1
27.7
15.0
5
P4KE13A
11.10
12.40
13.70
1
18.2
23.0
5
P4KE62A
53.00
58.90
65.10
1
85.0
5.0
5
P4KE30A
25.60
28.50
31.50
1
41.4
10.0
5
TEST
CURRENT
IT
(mA)
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
UNI
DIRECTIONAL
PART
NUMBER
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 3 of 4


Similar Part No. - P4KE10A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
P4KE10A DIOTECH-P4KE10A Datasheet
1Mb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P4KE10A UNSEMI-P4KE10A Datasheet
3Mb / 7P
   6.8 To 600V 400W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Pan Jit International I...
P4KE10A PANJIT-P4KE10A Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
Zowie Technology Corpor...
P4KE10A ZOWIE-P4KE10A Datasheet
180Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Ruilongyuan Electronics...
P4KE10A RUILON-P4KE10A Datasheet
891Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P4KE10A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
P4KES SECOS-P4KES Datasheet
57Kb / 3P
   Voltage 6.8V ~ 440V 400 Peak Power / 1.0W Steady State 400W Peak Power TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
SMAJ SECOS-SMAJ Datasheet
455Kb / 4P
   400W Peak Power Surface Mount TVS
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
1.5KE SECOS-1.5KE_15 Datasheet
332Kb / 3P
   1500W Peak Power 5.0W Steady State 1500W Peak Power TVS
logo
Diodes Incorporated
SMAJ12A-13 DIODES-SMAJ12A-13 Datasheet
146Kb / 5P
   400W Peak Pulse Power Dissipation
logo
SeCoS Halbleitertechnol...
P6KE6.8 SECOS-P6KE6.8 Datasheet
191Kb / 4P
   600W Peak Power / 5.0W Steady State 600W Peak Power TVS
1.5KE SECOS-1.5KE Datasheet
332Kb / 3P
   Voltage 6.8V ~ 550V 1500W Peak Power / 5.0W Steady State 1500W Peak Power TVS
P6KE SECOS-P6KE Datasheet
110Kb / 3P
   Voltage 6.8V ~ 480V 600 Peak Power / 5.0W Steady State 600W Peak Power TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com