Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS205 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # RS205
Description  VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RS205 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  RS205 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RS205 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Any changing of specification will not be informed individual
RS201L THRU RS207L
VOLTAGE 50V ~ 1000V
2.0AMP Single Phase Bridge Rectifiers
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (RS201 THRU RS207)
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT
0.4
0.8
1.2
1.6
2.0
1.2
3.0
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
DERATING CURVE
0.1
1.0
.01
10
50
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0
.2
.4
.6
.8
1.0
1.2
1.4
3.0
Tj=25 C
Tj=25 C
FIG.2-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
20
10
30
50
40
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
25
50
75
100 125
150
175
0
20
40
60
80
100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
CASE TEMPERATURE,( C)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - RS205

ManufacturerPart #DatasheetDescription
logo
Bytes
RS205 BYTES-RS205 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
RS205 SECOS-RS205 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
logo
Suntan Capacitors
RS205 SUNTAN-RS205 Datasheet
390Kb / 2P
   Ideal for printed circuit board
logo
Dc Components
RS205 DCCOM-RS205 Datasheet
381Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
RS205 SEMTECH_ELEC-RS205 Datasheet
179Kb / 1P
   SINGLE-PHASE SILICON BRIDGES
More results

Similar Description - RS205

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
RS201 SECOS-RS201 Datasheet
225Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Single Phase Bridge Rectifiers
GBP2005 SECOS-GBP2005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
D2UB05 SECOS-D2UB05 Datasheet
187Kb / 2P
   Voltage 50V ~ 1000V 2.0Amp Glass Passivated Bridge Rectifiers
RB151 SECOS-RB151 Datasheet
226Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Single Phase Bridge Rectifiers
RS801 SECOS-RS801 Datasheet
238Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS801M SECOS-RS801M Datasheet
92Kb / 2P
   VOLTAGE 50V ~ 1000V 8.0AMP Single Phase Bridge Rectifiers
RS601 SECOS-RS601 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS601M SECOS-RS601M Datasheet
93Kb / 2P
   VOLTAGE 50V ~ 1000V 6.0AMP Single Phase Bridge Rectifiers
RS1505 SECOS-RS1505 Datasheet
95Kb / 2P
   VOLTAGE 50V ~ 1000V 15.0 AMP Single Phase Bridge Rectifiers
S20 SECOS-S20 Datasheet
218Kb / 2P
   VOLTAGE 50V ~ 1000V 0.8AMP Single Phase Surface Mount Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com