Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL202 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # RL202
Description  Voltage Range 50 to 1000 V 2.0 AMP Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

RL202 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  RL202 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH RL202 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page
2 of 2
RL201 THRU RL207
Voltage Range 50 to 1000 V
2.0 AMP Silicon Rectifiers
Elektronische Bauelemente
.1
1.0
10
100
RATING AND CHARACTERISTIC CURVES (RL201 THRU RL207)
FIG.3 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
Tj=100 C
Tj=25 C
0.4
0
0.8
1.2
1.6
2.0
2.4
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
0.1
1.0
.01
10
50
CHARACTERISTICS
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
.6
.7
.8
.9
1.0
1.1
1.2
1.3
3.0
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
70
60
50
40
30
20
10
0
.01
.05
.1
.5
1
5
10
50
100
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
20
0
40
60
80
100
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
FORWARD VOLTAGE,(V)
FIG.1-TYPICAL FORWARD
AMBIENT TEMPERATURE,( C)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
121


Similar Part No. - RL202

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
RL202 GXELECTRONICS-RL202 Datasheet
312Kb / 2P
   2.0A SILICON RECTIFIER
logo
Wing Shing Computer Com...
RL202 WINGS-RL202 Datasheet
251Kb / 2P
   SILICON RECTIFIER(VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
RL202 LEIDITECH-RL202 Datasheet
530Kb / 2P
   General-purpose Plastic Rectifiers
logo
Rugao Dachang Electroni...
RL202 DACHANG-RL202 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Micro Commercial Compon...
RL202 MCC-RL202 Datasheet
80Kb / 3P
   2 Amp Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - RL202

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
1N4001W YIXIN-1N4001W Datasheet
356Kb / 2P
   1.0 AMP SILICON RECTIFIERS VOLTAGE RANGE 50 to 1000 volts
logo
SeCoS Halbleitertechnol...
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
logo
Yea Shin Technology Co....
2W005M YEASHIN-2W005M Datasheet
315Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes
logo
SeCoS Halbleitertechnol...
SEF201JD SECOS-SEF201JD Datasheet
208Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
SEF201AM SECOS-SEF201AM Datasheet
169Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp High Efficiency Recovery Rectifiers
GBL2005 SECOS-GBL2005 Datasheet
230Kb / 2P
   Voltage 50 V ~ 1000 V 2.0 Amp Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
1A1-1A7 KINGTRONICS-1A1-1A7 Datasheet
294Kb / 2P
   1.0 AMP. SILICON RECTIFIERS Voltage Range 50 to 1000 Volts Current 1.0 Amperes
logo
Micro Commercial Compon...
GS2A MCC-GS2A_11 Datasheet
255Kb / 4P
   2.0 Amp Silicon Rectifier 50 to 1000 Volts
GS2A MCC-GS2A Datasheet
838Kb / 3P
   2.0 Amp Silicon Rect.0 Amp Silicon Rectifier 50 to 1000 Voltsifier 50 to 1000 OLTS
HER201 MCC-HER201 Datasheet
310Kb / 2P
   2.0 Amp High Efficient Rectifiers 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com