Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC126 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC126
Description  QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC126 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC126 Datasheet HTML 1Page - Texas Instruments SN74HC126 Datasheet HTML 2Page - Texas Instruments SN74HC126 Datasheet HTML 3Page - Texas Instruments SN74HC126 Datasheet HTML 4Page - Texas Instruments SN74HC126 Datasheet HTML 5Page - Texas Instruments SN74HC126 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SN54HC126, SN74HC126
QUADRUPLE BUS BUFFER GATES
WITH 3-STATE OUTPUTS
SCLS103C – MARCH 1984 – REVISED FEBRUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D High-Current 3-State Outputs Interface
Directly With System Bus or Can Drive up
to 15 LSTTL Loads
D Package Options Include Plastic
Small-Outline (D), Shrink Small-Outline
(DB), and Ceramic Flat (W) Packages,
Ceramic Chip Carriers (FK), and Standard
Plastic (N) and Ceramic (J) DIPs
description
These quadruple bus buffer gates feature
independent line drivers with 3-state outputs.
Each output is disabled when the associated
output-enable (OE) input is low.
The SN54HC126 is characterized for operation
over the full military temperature range of –55
°C
to 125
°C. The SN74HC126 is characterized for
operation from –40
°C to 85°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
H
H
H
H
LL
L
X
Z
logic symbol
EN
1
2
1A
1Y
3
4
5
2A
2Y
6
10
9
3A
3Y
8
13
12
4A
4Y
11
1OE
2OE
3OE
4OE
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, DB, J, N, and W packages.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1Y
2OE
2A
2Y
GND
VCC
4OE
4A
4Y
3OE
3A
3Y
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
4A
NC
4Y
NC
3OE
1Y
NC
2OE
NC
2A
SN54HC126 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
SN54HC126 ...J OR W PACKAGE
SN74HC126 . . . D, DB, OR N PACKAGE
(TOP VIEW)
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74HC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC126 TI-SN74HC126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74HC126 TI1-SN74HC126 Datasheet
883Kb / 20P
[Old version datasheet]   QUADRUPLE BUSBUFFER GATES WITH 3-STATE OUTPUTS
SN74HC126D TI-SN74HC126D Datasheet
527Kb / 19P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74HC126D TI-SN74HC126D Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74HC126D TI-SN74HC126D Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC126

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CH126 TI-SN54CH126 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54HC126 TI-SN54HC126_08 Datasheet
636Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G125A POTATO-PO74G125A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN54ABT125 TI1-SN54ABT125_15 Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54AHC126 TI-SN54AHC126_08 Datasheet
577Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54BCT125A TI-SN54BCT125A Datasheet
491Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN54LV125A TI-SN54LV125A_10 Datasheet
779Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A Datasheet
345Kb / 14P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
SN54AHCT125 TI-SN54AHCT125_07 Datasheet
926Kb / 20P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LV126A TI-SN74LV126A_07 Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com