Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQD41N31 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # SQD41N31
Description  Flexible Small Channel Count Switch Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SQD41N31 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  SQD41N31 Datasheet HTML 1Page - JDS Uniphase Corporation SQD41N31 Datasheet HTML 2Page - JDS Uniphase Corporation SQD41N31 Datasheet HTML 3Page - JDS Uniphase Corporation SQD41N31 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Dimensions Diagram
SQ Series Configurations
The common package may be ordered in optical configurations as follows:
• 1 x 3 up to 1 x 8
• 2 x 4, 2 x 6, 2 x 8 D configuration (Duplex 1 x 2, 1 x 3, 1 x 4)
• Dual 1 x 2
• SM or MM fiber
• 900 mm buffered fiber or 3 mm cable
All units are customer-configurable as:
• Latching
• Non-latching
• Default channel for non-latch operation
Electrical interfaces available include:
• 2 x 12 male header on the side
• 2 x 12 male (recessed) on the bottom (for PCB mounting)
The 2 x N configuration allows for mass reconfiguration of optical paths.
It provides simultaneous connections of 2 inputs to a number of outputs.
2
FLEXIBLE SMALL CHANNEL COUNT SWITCH MODULE
Continued
D Configuration
A
4B
3B
2B
1B
4A
3A
2A
1A
B
R
R
(SQ switch shown with OFF position option)
6.0 (.235)
69.8 (2.750)
6.4 (.250) TYP
57.9 (2.280)
6.0 (.235)
69.8 (2.750)
57.9 (2.280)
17.0 (.670)
12.8 (.502)
23.8
[.937 ]
3.5 (.137) TYP
28.0 (1.101)
11.0 (.435)
3.5 (.136)
22.1 (.868)
Mounting hole
0 4.0 (.159) thru
c 7.1 (.280), 5.4 (.214)
4 PLS
25.4 (1.001)
9.0 (.355)
BOTTOM MOUNT
VERSION SHOWN
1
2
23
24
25.4 (1.001)
4.3 (.168)
SIDE MOUNT
VERSION SHOWN
1
2
23
24
(Specifications in mm [inches] unless otherwise noted.)


Similar Part No. - SQD41N31

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQD40020E VISHAY-SQD40020E Datasheet
283Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 07-Jan-2019
SQD40020E VISHAY-SQD40020E Datasheet
283Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQD40020E VISHAY-SQD40020E Datasheet
282Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD40020EL VISHAY-SQD40020EL Datasheet
284Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 07-Jan-2019
SQD40020EL VISHAY-SQD40020EL Datasheet
284Kb / 8P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQD41N31

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
OFMS-1XN OPLINK-OFMS-1XN Datasheet
278Kb / 2P
   Large Channel Count 1xN Switch Module
OFMS06400002315 OPLINK-OFMS06400002315 Datasheet
376Kb / 2P
   OFMS Series Large Channel Count 1xN Switch Subsystem
logo
Qorvo, Inc
QPB9319 QORVO-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9348 QORVO-QPB9348 Datasheet
1Mb / 13P
   Dual-Channel Switch LNA Module
June 27, 2019
logo
TriQuint Semiconductor
QPB9319 TRIQUINT-QPB9319 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
logo
Qorvo, Inc
QPB9329 QORVO-QPB9329 Datasheet
1Mb / 11P
   Dual-Channel Switch LNA Module
QPB9318 QORVO-QPB9318 Datasheet
4Mb / 14P
   Dual-Channel Switch LNA Module
August 10, 2017
logo
Zarlink Semiconductor I...
ZL50012 ZARLINK-ZL50012 Datasheet
1Mb / 65P
   Flexible 512-ch Digital Switch
logo
PLX Technology
PEX8516 PLX-PEX8516 Datasheet
2Mb / 5P
   Flexible & Versatile PCI Express Switch
PEX8533 PLX-PEX8533 Datasheet
369Kb / 4P
   Flexible & Versatile PCI Express??Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com