Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JSH-01LWAA1 Datasheet(PDF) 10 Page - JDS Uniphase Corporation

Part # JSH-01LWAA1
Description  10 Gigabit Ethernet SFP 1310 nm Limiting Transceiver, 10 km Reach
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

JSH-01LWAA1 Datasheet(HTML) 10 Page - JDS Uniphase Corporation

Back Button JSH-01LWAA1 Datasheet HTML 6Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 7Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 8Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 9Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 10Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 11Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 12Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 13Page - JDS Uniphase Corporation JSH-01LWAA1 Datasheet HTML 14Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
10 GIGABIT ETHERNET SFP+ 1310 NM
LIMITING TRANSCEIvER, 10 KM REACH
Parameter
Symbol
Min.
Typical
Max.
Unit
Notes
Transmitter
Wavelength
l
p
1260
1310
1355
nm
Side Mode Suppression Ratio
SMSR
30
dB
Average optical power
PAVG
-8.2
+0.5
dBm
Opticalmodulationamplitude
OMA
-5.2
dBm
Extinctionratio
ER
3.5
dB
Transmitterdispersionpenalty
TDP
3.2
dB
(Note3)
OMAminusTDP
OMA-TDP
-6.2
dBm
Relative intensity noise
RIN12OMA
-128
dB/Hz
12dBreflection
Receiver
Wavelength
l
1260
1310
1355
nm
Maximum input power
Pmax
+0.5
dBm
Stressedsensitivity(OMA)
ISI=2.2dB
-10.3
dBm
(Note4)
Lossofsignalassert/deassertlevel
LOSD(OMA)
-16
dBm
Chatter-freeoperation
LOSA
-30
dBm
3.5
Optical Characteristics


Similar Part No. - JSH-01LWAA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
JSH-12L1DD1 JDSU-JSH-12L1DD1 Datasheet
283Kb / 12P
   RoHS-compliant 2.125, 1.25 and 1.063 Gbps, Single-mode 1310 nm eSFP Transceiver
JSH-42L3AD3-20 JDSU-JSH-42L3AD3-20 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5 JDSU-JSH-42L3AD3-5 Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-42L3AD3-5G JDSU-JSH-42L3AD3-5G Datasheet
941Kb / 45P
   LW 4x/2x/1x FC SFP with DDM
JSH-85L3AA1-10 JDSU-JSH-85L3AA1-10 Datasheet
673Kb / 22P
   8.5 G Fibre Channel Compliant SFP 1310 nm Limiting Transceiver
More results

Similar Description - JSH-01LWAA1

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
PLRXPL-VX-S43-23-N JDSU-PLRXPL-VX-S43-23-N Datasheet
547Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SC-S43-21-N JDSU-PLRXPL-SC-S43-21-N Datasheet
361Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
PLRXPL-VC-S43-21-N JDSU-PLRXPL-VC-S43-21-N Datasheet
360Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compatible
PLRXPL-SX-S43-22-N JDSU-PLRXPL-SX-S43-22-N Datasheet
565Kb / 22P
   10 G SFP 850 nm Limiting Transceiver, 10 Gigabit Ethernet Compliant
JXP-01LMAB1 JDSU-JXP-01LMAB1 Datasheet
539Kb / 16P
   Multiprotocol XFP Optical Transceiver-1310 nm for up to 10 km Reach
logo
Optoway Technology Inc
SPS-2110G OPTOWAY-SPS-2110G Datasheet
171Kb / 5P
   10 Gb/s / 10 km / 1310 nm SFP LC SINGLE-MODE TRANSCEIVER
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-739ASMZ AVAGO-AFCT-739ASMZ Datasheet
442Kb / 18P
   10 Gb Ethernet, 1310 nm, 85 째C, 10GBASE-LR, SFP Transceiver for SMF 10 km links
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28_V01 Datasheet
950Kb / 14P
   QSFP28 Optical Transceiver –100 Gigabit Ethernet for up to 10 km Reach
logo
Source Photonics, Inc.
SP-GB-XD-CDA SOURCE-SP-GB-XD-CDA Datasheet
475Kb / 7P
   50 Km Gigabit Ethernet SFP Transceiver
SP-GB-YX-CDA SOURCE-SP-GB-YX-CDA Datasheet
489Kb / 7P
   60 Km Gigabit Ethernet SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com