Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFCKS5H2 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FFCKS5H2
Description  Fused Coupler, Single Window, Low loss CL Band or S Band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCKS5H2 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FFCKS5H2 Datasheet HTML 1Page - JDS Uniphase Corporation FFCKS5H2 Datasheet HTML 2Page - JDS Uniphase Corporation FFCKS5H2 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide, or via e-mail at
customer.service@jdsu.com.
Sample: FFCK12H1PB110
FUSED COUPLER, SINGLE WINDOW, LOW LOSS C+L BAND
OR S BAND FFCK SERIES
Code
Coupling Ratio
11%
22%
33%
55%
A
10%
C
20%
E
30%
H
40%
K
50%
Code
Configuration
01x1 (attenuator)
11x2
22x2
Code
Grade
AGrade A
PGrade P
Code
Passband
Wavelength
1
C+L band
SS band
FFCK
Code
Housing
H
Ø 3.0 mm cable
L
Ø 900 µm fiber
S
Ø 250 µm fiber
Code
Pigtail Length
00.5 m
11 m
22 m
33 m
44 m
55 m
66 m
77 m
88 m
9
9 m
A
10 m
Code
Connectors
0None
1FC/PC
2FC/SPC
3FC/APC
4
SC/SPC
5
SC/APC
6BICONIC
7D4
8
ST
9FC/UPC
A
SC/UPC
BLC
C
MU
D
MPX
E
E2000
J
LC/APC
K
LC/APC
L
E2000/APC
B1
Product specifications and descriptions in this document subject to change without notice. © 2008 JDS Uniphase Corporation 30162510 001 1208
FFCK.DS.CC.AE
December 2008
SMF-28 is a registered trademark of Corning Incorporated. LC and ST are registered trademarks of Lucent Technologies. Telcordia is a registered trademark of Telcordia Technologies Incorporated.
Specifications
Parameter
C+L band
S band
Operating wavelength range1
1528 to 1605 nm
1425 to 1500 nm
Return loss/directivity
Minimum
55 dB
Pigtail tensile load
Maximum
5 N
Optical Power handling2
Maximum
4 W
Operating temperature range3
-40 to 75°C
Storage temperature range
-40 to 85°C
Environmental qualification
Telcordia GR-1221
Package dimensions
S package (D x L)
3.0 x 54 mm
L package (D x L)
3.6 x 70 mm
H package (L x W x H)
85 x 17.8 x 7.5 mm
1. For wavelength within ±5 nm of the specified range performance will be maintained for signal path insertion loss, PDL, TDL, directivity and return loss. The only parameters to increase will be tap
insertion loss and WDL. Maximum values of increase are:
Tap ratio = 1%, maximum tap insertion loss and WDL increase = 0.1 dB.
Tap ratio = 2 to 9%, maximum tap insertion loss and WDL increase = 0.07 dB.
Tap ratio = 10 to 50%, maximum tap insertion loss and WDL increase = 0.05 dB.
2. For 1x2 and 2x2 configurations.
3. TDL is specified from –5 to 75°C.


Similar Part No. - FFCKS5H2

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32L JDSU-FFC-32L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results

Similar Description - FFCKS5H2

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
logo
OPLINK Communications I...
SWFC5150P001111 OPLINK-SWFC5150P001111 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler (980, 1310, S, C, L, and CL band)
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
EPM605-250 JDSU-EPM605-250 Datasheet
326Kb / 8P
   C-Band, L-Band, Pass Band Low Leakage PIN Photodiodes
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
OPLINK Communications I...
MWDMGCL-S0031 OPLINK-MWDMGCL-S0031 Datasheet
285Kb / 2P
   Green C Band/L Band Micro-Optic WDM
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com