Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM6442 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # TM6442
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

TM6442 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  TM6442 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
20 - 400 MHz
20 - 400 MHZ
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point ...... +57 dBm (Typ.)
Second Order Two Tone Intercept Point ...... +51 dBm (Typ.)
Third Order Two Tone Intercept Point .......... +37 dBm (Typ.)
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
Power
Vdc
+15
+15
mA
62
65 Max.
RF AMPLIFIER
MODEL
TM6442
Available as:
TM6442, 4 Pin TO-8 (T4)
TN6442, 4 Pin Surface Mount (SM3)
FP6442, 4 Pin Flatpack (FP4)
BX6442, Connectorized Housing (H1)
Features
!
!
!
!
! High Output Power: +22 dBm Typical
!
!
!
!
! High IP3: +37 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
Note: Care should always be taken to effectively ground the case of each unit.
Noise figure (dB)
4.5
6.0 Max.
VSWR
In
1.15:1
2.0:1 Max.
Out
1.25:1
2.0:1 Max.
Reverse
Isolation (dB)
-19
-17 Max.
Power @ 1 dB
Comp. (dBm)
+22
+19.0 Min.
Gain (dB)
14
12.5 Min
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 100 ºC
Storage Temperature ............................... -62ºC to + 125 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ......................................................... + 18 Volts
Continuous RF Input Power ................................. + 18 dBm
Short Term RF Input Power....... 50 Milliwatts 1 Minute Max.)
Maximum Peak Power ................... 0.5 Watt (3
µsec Max.)
05/11/05
2.0
1.5
1.0
2.0
1.5
1.0
4
6
5
17
15
13
+24
+23
+22
+21
+20
0
- 10
- 20
- 30
- 40
14
16
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR
Start 20 MHz
Stop 400 MHz
Start 20 MHz
Stop 400 MHz
Start 20 MHz
Stop 400 MHz
Start 20 MHz
Stop 400 MHz
Start 20 MHz
Stop 400 MHz
Start 20 MHz
Stop 400 MHz
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.spectrummicrowave.com


Similar Part No. - TM6442

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
TM6442 APITECH-TM6442 Datasheet
70Kb / 1P
   RF AMPLIFIER MODEL
TM6442PM APITECH-TM6442PM Datasheet
123Kb / 1P
   RF AMPLIFIER MODEL
More results

Similar Description - TM6442

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com