Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFC-31S Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFC-31S
Description  Fused Coupler, Single Window
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-31S Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFC-31S Datasheet HTML 1Page - JDS Uniphase Corporation FFC-31S Datasheet HTML 2Page - JDS Uniphase Corporation FFC-31S Datasheet HTML 3Page - JDS Uniphase Corporation FFC-31S Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Qualification and Reliability Tests
Parameter
Specifications
High temperature storage test
85 °C for 2,000 hours
Damp heat test
50 °C/90% RH for 2,000 hours
Water immersion test
43±2 °C, pH of 5.5±0.5 for 7 days
Vibration test
10 to 2,000 Hz, 20 g’s, 3 axes
Shock test
3 axes, 40 g’s, 11 ms, 5 blows each direction
Impact test
1.8 meters height, 8 times
Fiber torsion test
180° twist, 5 times both directions, 5 N force
Fiber pulling test
5 N for 1 minute
2
FUSED COUPLER, SINGLE WINDOW
Wavelength Stability: 1550 nm 1/99 Port 2 (1%)
Wavelength Stability: 1550 nm 10/90 Port 2 (10%)
Wavelength Stability: 1550 nm 50/50 Port 2 (50%)


Similar Part No. - FFC-31S

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H02B1 JDSU-FFC-A1H02B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H11B1 JDSU-FFC-A1H11B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H12B1 JDSU-FFC-A1H12B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H21B1 JDSU-FFC-A1H21B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
More results

Similar Description - FFC-31S

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
logo
OPLINK Communications I...
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC9150P OPLINK-SWFC9150P Datasheet
190Kb / 3P
   Mini Single Window Single Mode Fiber Coupler
MINI-SWFC OPLINK-MINI-SWFC Datasheet
391Kb / 3P
   Mni Single Window Single Mode iber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com