Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFC-LKL Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # FFC-LKL
Description  Fused Coupler, Single Window
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFC-LKL Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  FFC-LKL Datasheet HTML 1Page - JDS Uniphase Corporation FFC-LKL Datasheet HTML 2Page - JDS Uniphase Corporation FFC-LKL Datasheet HTML 3Page - JDS Uniphase Corporation FFC-LKL Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
COMMUNICATIONS COMPONENTS
Key Features
• Wide wavelength coverage over multiple bands
• High power handling
• Wide range of regular parts available "to go"
• Proven reliability
The single window fused coupler splits or combines light with high performance
over a wide bandwidth. These components are manufactured with a highly
automated process to achieve consistent quality and reliability.
Regular parts are available with a wide variety of tap ratios, operating
wavelengths, housing and connector options and can therefore be readily
specified in a wide variety of applications, enabling rapid design cycles and new
project builds. Reliability is assured through qualification to Telcordia GR-1221.
Applications
• Passive optical networks
•CATV
• Network expansion
• Fixed attenuation (select
configuration option 0)
Compliance
• Telcordia GR-1221
Fused Coupler, Single Window
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Dimensions Diagram: 1x2 Model, H-Package
(Specifications in mm unless otherwise noted. 3mm cable shown.)
85.0 mm
17.8 mm
(2x) Ø2.0 mm
(3x) Ø3.0 mm
3.5 mm
3.4 mm
Typ.
7.1 mm
7.5 mm
44.5 mm
(2x) R2.5 mm
20.3 mm


Similar Part No. - FFC-LKL

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H02B1 JDSU-FFC-A1H02B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H11B1 JDSU-FFC-A1H11B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H12B1 JDSU-FFC-A1H12B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFC-A1H21B1 JDSU-FFC-A1H21B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
More results

Similar Description - FFC-LKL

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
OPLINK Communications I...
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
FFCK11H0 JDSU-FFCK11H0 Datasheet
216Kb / 3P
   Fused Coupler, Single Window, Low loss CL Band or S Band
logo
OPLINK Communications I...
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC9150P OPLINK-SWFC9150P Datasheet
190Kb / 3P
   Mini Single Window Single Mode Fiber Coupler
MINI-SWFC OPLINK-MINI-SWFC Datasheet
391Kb / 3P
   Mni Single Window Single Mode iber Coupler
SWFC1X3 OPLINK-SWFC1X3 Datasheet
154Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com