Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9689001QXA Datasheet(PDF) 8 Page - Texas Instruments

Part # 5962-9689001QXA
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9689001QXA Datasheet(HTML) 8 Page - Texas Instruments

Back Button 5962-9689001QXA Datasheet HTML 4Page - Texas Instruments 5962-9689001QXA Datasheet HTML 5Page - Texas Instruments 5962-9689001QXA Datasheet HTML 6Page - Texas Instruments 5962-9689001QXA Datasheet HTML 7Page - Texas Instruments 5962-9689001QXA Datasheet HTML 8Page - Texas Instruments 5962-9689001QXA Datasheet HTML 9Page - Texas Instruments 5962-9689001QXA Datasheet HTML 10Page - Texas Instruments 5962-9689001QXA Datasheet HTML 11Page - Texas Instruments 5962-9689001QXA Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT FOR A OUTPUTS
S1
6 V
Open
GND
500
500
TEST
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
S1
Open
6 V
GND
tPLH
tPHL
Output
Control
(see Note B)
Output
Waveform 1
S1 at 6 V
(see Note C)
Output
Waveform 2
S1 at GND
(see Note C)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VREF
VREF
VTT
VOL
0 V
VOL + 0.3 V
VOH − 0.3 V
≈0 V
3 V
0 V
0 V
3 V
0 V
VM V
VM V
tw
Input
(see Note B)
3 V
3 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(A port to B port)(1)
VOLTAGE WAVEFORMS
PULSE DURATION
(VM = 1.5 V for A port and VREF for B port)(1)
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
(A port)
Timing
Input
Data Input
A Port
Output
Input
VTT
Test
Point
CL = 30 pF
(see Note A)
From Output
Under Test
25
LOAD CIRCUIT FOR B OUTPUTS
tPLH
tPHL
0 V
VOH
VOL
Input
(see Note B)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
(B port to A port)(1)
Output
VTT
VREF
VREF
VREF
VREF
0 V
VTT
Data Input
B Port
(1) All control inputs are TTL levels.
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
C. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
D. The outputs are measured one at a time, with one transition per measurement.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
V
TT = 1.2 V, VREF = 0.8 V for GTL and VTT = 1.5 V, VREF = 1 V for GTL+
Figure 1. Load Circuits and Voltage Waveforms
8


Similar Part No. - 5962-9689001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9689301QXA TI-5962-9689301QXA Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
5962-9689401Q2A TI-5962-9689401Q2A Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
5962-9689401QRA TI-5962-9689401QRA Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - 5962-9689001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com