Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9689001QXA Datasheet(PDF) 7 Page - Texas Instruments

Part # 5962-9689001QXA
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

5962-9689001QXA Datasheet(HTML) 7 Page - Texas Instruments

Back Button 5962-9689001QXA Datasheet HTML 3Page - Texas Instruments 5962-9689001QXA Datasheet HTML 4Page - Texas Instruments 5962-9689001QXA Datasheet HTML 5Page - Texas Instruments 5962-9689001QXA Datasheet HTML 6Page - Texas Instruments 5962-9689001QXA Datasheet HTML 7Page - Texas Instruments 5962-9689001QXA Datasheet HTML 8Page - Texas Instruments 5962-9689001QXA Datasheet HTML 9Page - Texas Instruments 5962-9689001QXA Datasheet HTML 10Page - Texas Instruments 5962-9689001QXA Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
SN54GTL16612, SN74GTL16612
18-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
SCBS480K – JUNE 1994 – REVISED JULY 2005
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTL+ (unless otherwise noted) (see Figure 1)
SN54GTL16612
SN74GTL16612
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
95
95
MHz
LEAB or LEBA high
3.3
3.3
tw
Pulse duration
ns
CLKAB or CLKBA high or low
5.6
5.6
A before CLKAB
1.3
1.3
B before CLKBA
3.2
2.3
A before LEAB
1.2
0
tsu
Setup time
ns
B before LEBA
1.3
1.3
CEAB before CLKAB
2.1
2
CEBA before CLKBA
2.6
2.2
A after CLKAB
2.9
1.6
B after CLKBA
4.4
0.3
A after LEAB
4.5
4
th
Hold time
ns
B after LEBA
4.3
3.6
CEAB after CLKAB
2
0.8
CEBA after CLKBA
1.1
1.1
over recommended ranges of supply voltage and operating free-air temperature,
V
TT = 1.5 V and VREF = 1 V for GTL+ (see Figure 1)
SN54GTL16612
SN74GTL16612
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN TYP(1)
MAX
MIN TYP(1)
MAX
fmax
95
95
MHz
tPLH
1
2.8
4.5
1.5
2.8
4.1
A
B
ns
tPHL
1
2.5
4.6
1.3
2.5
4.1
tPLH
1
3.6
5.5
2
3.6
5.3
LEAB
B
ns
tPHL
1
3.5
6.1
1.9
3.5
5.5
tPLH
1
3.7
5.5
2.3
3.7
5.3
CLKAB
B
ns
tPHL
1
3.4
5.6
1.9
3.4
5.5
tPLH
1
3.4
5.5
2
3.4
5.1
OEAB
B
ns
tPHL
1
3.3
5.6
2
3.3
5.6
tr
Transition time, B outputs (0.5 V to 1 V)
1.5
1.5
ns
tf
Transition time, B outputs (1 V to 0.5 V)
0.8
0.8
ns
tPLH
1.9
4
6.9
2
4
6.3
B
A
ns
tPHL
0.9
2.8
4.9
1.1
2.8
4.4
tPLH
2
3.7
6.1
2.3
3.7
5.7
LEBA
A
ns
tPHL
1
3
5.1
1.8
3
4.8
tPLH
2
3.8
6.4
2.5
3.8
6.1
CLKBA
A
ns
tPHL
2
3.3
5.6
2.3
3.3
5.2
ten
1
5
7.5
2.3
5
7.4
OEBA
A
ns
tdis
2
4.3
6.9
2.5
4.3
6.4
(1)
All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
7


Similar Part No. - 5962-9689001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9689301QXA TI-5962-9689301QXA Datasheet
537Kb / 33P
[Old version datasheet]   9-CHANNEL DIFFERENTIAL TRANSCEIVER
5962-9689401Q2A TI-5962-9689401Q2A Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
5962-9689401QRA TI-5962-9689401QRA Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - 5962-9689001QXA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com