Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFCKSAS0 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFCKSAS0
Description  Fused Coupler, Single Window, Low loss CL Band or S Band
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFCKSAS0 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFCKSAS0 Datasheet HTML 1Page - JDS Uniphase Corporation FFCKSAS0 Datasheet HTML 2Page - JDS Uniphase Corporation FFCKSAS0 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Insertion Loss
Coupling
Grade
Signal Path
Tap Path
Ratio
Insertion
WDL3
PDL4
TDL5
Insertion
WDL3
PDL4
TDL5
Loss1,2 (Min./Max.) Max.
Max.
Max.
Loss1,2 (Min./Max.) Max.
Max.
Max.
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
1%
P
NA/0.15
0.04
0.03
0.02
18.2/23.0
0.90
0.20
0.20
1%
A
NA/0.18
0.06
0.05
0.02
17.4/23.0
1.20
0.25
0.20
2%
P
NA/0.18
0.05
0.03
0.02
16.0/18.6
0.60
0.15
0.15
2%
A
NA/0.20
0.07
0.05
0.02
15.2/20.0
1.00
0.20
0.15
3%
P
NA/0.23
0.05
0.03
0.04
14.2/16.5
0.50
0.14
0.15
3%
A
NA/0.28
0.07
0.05
0.04
13.7/17.4
0.90
0.20
0.15
5%
P
NA/0.32
0.06
0.03
0.08
12.1/14.3
0.45
0.12
0.15
5%
A
NA/0.40
0.08
0.05
0.08
11.8/14.8
0.80
0.20
0.15
10%
P
NA/0.60
0.07
0.04
0.08
9.40/11.1
0.40
0.10
0.13
10%
A
NA/0.70
0.09
0.06
0.08
9.00/11.4
0.60
0.15
0.13
20%
P
NA/1.15
0.11
0.05
0.10
6.30/7.90
0.37
0.10
0.10
20%
A
NA/1.25
0.15
0.07
0.10
6.00/8.20
0.55
0.15
0.10
30%
P
NA/1.75
0.15
0.06
0.10
4.60/5.80
0.35
0.10
0.10
30%
A
NA/1.85
0.20
0.08
0.10
4.50/6.00
0.50
0.15
0.10
40%
P
NA/2.50
0.20
0.07
0.10
3.85/4.40
0.30
0.09
0.10
40%
A
NA/2.60
0.30
0.09
0.10
3.70/4.60
0.45
0.11
0.10
50%
P
2.7/3.30
0.25
0.08
0.10
2.70/3.30
0.25
0.08
0.10
50%
A
2.6/3.50
0.40
0.10
0.10
2.60/3.50
0.40
0.10
0.10
1. Tap ratio
≤ five percent, the Insertion Loss including WDL, PDL and TDL; Tap ratio > five percent, the Insertion Loss including WDL and PDL, not including TDL.
2. In 2x2 couplers with a coupling ratio of 20 percent or lower, insertion loss is not specified for launch through second input port (P4).
3. Change in insertion loss over the operating wavelength range.
4. Change in insertion loss over all input polarization states.
5. Change in insertion loss from –5 to 75°C.
2
FUSED COUPLER, SINGLE WINDOW, LOW LOSS C+L BAND
OR S BAND FFCK SERIES
Ф0.9
70
Ф3.56
2.0
Specifications in mm unless otherwise noted
Dimensions Diagrams
1x2 Models, L-Package
54
3.0
1x2 Models, S-Package


Similar Part No. - FFCKSAS0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31L JDSU-FFC-31L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-31S JDSU-FFC-31S Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32H JDSU-FFC-32H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
FFC-32L JDSU-FFC-32L Datasheet
172Kb / 4P
   Fused Coupler, Single Window
More results

Similar Description - FFCKSAS0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFCH31H JDSU-FFCH31H Datasheet
214Kb / 3P
   Fused Coupler, Single Window, Low Loss,C or L Band
logo
OPLINK Communications I...
SWFC5150P001111 OPLINK-SWFC5150P001111 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler (980, 1310, S, C, L, and CL band)
logo
JDS Uniphase Corporatio...
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
EPM605-250 JDSU-EPM605-250 Datasheet
326Kb / 8P
   C-Band, L-Band, Pass Band Low Leakage PIN Photodiodes
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
logo
OPLINK Communications I...
OISA155000D3111 OPLINK-OISA155000D3111 Datasheet
275Kb / 2P
   Mini Single Stage Dual Optical Isolator (C or L Band)
logo
California Eastern Labs
UPG2160T5K CEL-UPG2160T5K Datasheet
344Kb / 13P
   L, S-BAND SINGLE CONTROL SPDT SWITCH
logo
OPLINK Communications I...
MWDMGCL-S0031 OPLINK-MWDMGCL-S0031 Datasheet
285Kb / 2P
   Green C Band/L Band Micro-Optic WDM
MMFC-S0161 OPLINK-MMFC-S0161 Datasheet
212Kb / 2P
   Multi-Mode Single Window Wideband Fused Fiber Coupler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com