Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74GTL16612DGG Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74GTL16612DGG
Description  18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16612DGG Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74GTL16612DGG Datasheet HTML 5Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 6Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 7Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 8Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 9Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 10Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 11Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 12Page - Texas Instruments SN74GTL16612DGG Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Similar Part No. - SN74GTL16612DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16612A TI-SN74GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGG TI-SN74GTL16612ADGG Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADGGR TI-SN74GTL16612ADGGR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADL TI-SN74GTL16612ADL Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16612ADLR TI-SN74GTL16612ADLR Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN74GTL16612DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com