Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54GTL16612AWD Datasheet(PDF) 5 Page - Texas Instruments

Part # SN54GTL16612AWD
Description  18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL16612AWD Datasheet(HTML) 5 Page - Texas Instruments

  SN54GTL16612AWD Datasheet HTML 1Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 2Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 3Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 4Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 5Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 6Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 7Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 8Page - Texas Instruments SN54GTL16612AWD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(1) (2) (3)
SN54GTL16612A, SN74GTL16612A
18-BIT LVTTL-TO-GTL+ UNIVERSAL BUS TRANSCEIVERS
SCES187D – JANUARY 1999 – REVISED JULY 2005
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
3.3 V
–0.5
4.6
VCC
Supply voltage range
V
5 V
–0.5
7
A-port and control inputs
–0.5
7
VI
Input voltage range(2)
V
B port and VREF
–0.5
4.6
A port
–0.5
7
Voltage range applied to any output
VO
V
in the high or power-off state(2)
B port
–0.5
4.6
A port
128
IO
Current into any output in the low state
mA
B port
80
IO
Current into any A-port output in the high state(3)
64
mA
Continuous current through each VCC or GND
±100
mA
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
DGG package
64
θ
JA
Package thermal impedance(4)
°C/W
DL package
56
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(3)
This current flows only when the output is in the high state and VO > VCC.
(4)
The package thermal impedance is calculated in accordance with JESD 51.
SN54GTL16612A
SN74GTL16612A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
3.3 V
3.15
3.3
3.45
3.15
3.3
3.45
VCC
Supply voltage
V
5 V
4.75
5
5.25
4.75
5
5.25
GTL
1.14
1.2
1.26
1.14
1.2
1.26
Termination
VTT
V
voltage
GTL+
1.35
1.5
1.65
1.35
1.5
1.65
GTL
0.74
0.8
0.87
0.74
0.8
0.87
VREF
Supply voltage
V
GTL+
0.87
1
1.1
0.87
1
1.1
B port
VTT
VTT
VI
Input voltage
V
Except B port
5.5
5.5
B port
VREF + 50 mV
VREF + 50 mV
High-level
VIH
V
input voltage
Except B port
2
2
B port
VREF – 50 mV
VREF – 50 mV
Low-level
VIL
V
input voltage
Except B port
0.8
0.8
IIK
Input clamp current
–18
–18
mA
High-level
IOH
A port
–32
–32
mA
output current
A port
64
64
Low-level
IOL
mA
output current
B port
34
34
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Normal connection sequence is GND first, VCC = 5 V second, and VCC = 3.3 V, I/O, control inputs, VTT, and VREF (any order) last.
(3)
VTT and RTT can be adjusted to accommodate backplane impedances as long as they do not exceed the DC absolute IOL ratings.
Similarly, VREF can be adjusted to optimize noise margins, but normally is 2/3 VTT.
5


Similar Part No. - SN54GTL16612AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612WD TI-SN54GTL16612WD Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
More results

Similar Description - SN54GTL16612AWD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com