Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4764A Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # DL4764A
Description  Surface Mount Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DL4764A Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  DL4764A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DL4764A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings
Characteristic
Symbol
Value
Unit
Zener Current see Table “Characteristics”
Power Dissipation at Tamb=25℃
Ptot
1*
W
Junction Temperature
Tj
200
Storage Temperature Range
Ts
-65 to +200
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Characte ristic at Tamb=25℃
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance Junction to Ambient Air
RθA
-
-
170*
K/mW
Forward Voltage At IF=200mA
VF
-
-
1.2
V
*Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Breakdown Characteristics
Admissible power dissipation versus ambient temperature
Valid provided that leads are kept at ambient temperature at distance of 10 mm from case
0
100
80
60
40
20
30
25
20
15
10
5
1.0
1.0
0.2
0.4
0.6
0.8
100
200
W
Ptot
Tamb
2.5~2.8
Dimensions in mm
MELF
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


Similar Part No. - DL4764A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DL4764A RECTRON-DL4764A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Sangdest Microelectroni...
DL4764A SMC-DL4764A Datasheet
146Kb / 4P
   ZENER DIODES
logo
Formosa MS
DL4764A FORMOSA-DL4764A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
logo
Zibo Seno Electronic En...
DL4764A ZSELEC-DL4764A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Pan Jit International I...
DL4764A PANJIT-DL4764A Datasheet
62Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - DL4764A

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com