Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74F299N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F299N
Description  8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F299N Datasheet(HTML) 4 Page - Texas Instruments

  SN74F299N Datasheet HTML 1Page - Texas Instruments SN74F299N Datasheet HTML 2Page - Texas Instruments SN74F299N Datasheet HTML 3Page - Texas Instruments SN74F299N Datasheet HTML 4Page - Texas Instruments SN74F299N Datasheet HTML 5Page - Texas Instruments SN74F299N Datasheet HTML 6Page - Texas Instruments SN74F299N Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54F299, SN74F299
8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS
WITH 3-STATE OUTPUTS
SDFS071A – MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54F299
SN74F299
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High level output current
QA
′ or QH′
–1
–1
mA
IOH
High-level output current
QA thru QH
–3
–3
mA
IOL
Low level output current
QA
′ or QH′
20
20
mA
IOL
Low-level output current
QA thru QH
20
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F299
SN74F299
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
QA
′ or QH′
IOH = – 1 mA
2.5
3.4
2.5
3.4
VOH
QA thru QH
VCC = 4.5 V
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
QA thru QH
IOH = – 3 mA
2.4
3.3
2.4
3.3
V
Any output
VCC = 4.75 V,
IOH = – 1 mA to – 3 mA
2.7
QA
′ or QH′
IOL = 20 mA
0.3
0.5
0.3
0.5
VOL
QA thru QH
VCC = 4.5 V
IOL = 20 mA
0.3
0.5
V
QA thru QH
IOL = 24 mA
0.35
0.5
II
A thru H
VCC =5 5V
VI = 5.5 V
1
1
mA
II
Any other
VCC = 5.5 V
VI = 7 V
0.1
0.1
mA
IIH‡
A thru H
VCC =5 5V
VI =2 7V
70
70
µA
IIH‡
Any other
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
A thru H
– 0.65
– 0.65
IIL‡
S0 or S1
VCC = 5.5 V,
VI = 0.5 V
– 1.2
– 1.2
mA
IL
Any other
– 0.6
– 0.6
IOS§
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICC
VCC = 5.5 V,
See Note 2
68
95
68
95
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ For I/O ports (QA thru QH), the parameters IIH and IIL include the off-state output current.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.
NOTE 2: ICC is measured with OE1, OE2, and CLK at 4.5 V.


Similar Part No. - SN74F299N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F299N TI-SN74F299N Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74F299N3 TI-SN74F299N3 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74F299NE4 TI-SN74F299NE4 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74F299NSR TI-SN74F299NSR Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN74F299NSRE4 TI-SN74F299NSRE4 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74F299N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS299 TI-SN54ALS299 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54F299 TI-SN54F299_08 Datasheet
519Kb / 13P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
SN54ALS299 TI1-SN54ALS299_16 Datasheet
741Kb / 17P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LS299 HITACHI-HD74LS299 Datasheet
91Kb / 6P
   8-bit Universal Shift/Storage Registers(with three-state outputs)
logo
Texas Instruments
SN74HC299 TI1-SN74HC299 Datasheet
224Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH DIRECT CLEAR AND 3-STATE OUTPUTS
SN54ALS323 TI-SN54ALS323 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH SYNCHRONOUS CLEAR AND 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74HC299 HITACHI-HD74HC299 Datasheet
81Kb / 11P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
HD74HC323 HITACHI-HD74HC323 Datasheet
68Kb / 10P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
logo
Renesas Technology Corp
HD74HC323 RENESAS-HD74HC323 Datasheet
95Kb / 6P
   8-bit Universal Shift/Storage Register (with 3-state Outputs)
HD74HC299 RENESAS-HD74HC299 Datasheet
214Kb / 9P
   8-bit Universal Shift/Storage Register (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com