Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A100ERU Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part No. A100ERU
Description  Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MPD [MicroPower Direct, LLC]
Homepage  http://www.micropowerdirect.com
Logo 

A100ERU Datasheet(HTML) 1 Page - MicroPower Direct, LLC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1.5W Output Power
4:1 Input Voltage Range
1,500 VDC Isolation
-40ºC to +85ºC Temp Range
Compact DIP Case
Single & Dual Outputs
1.0 MH MTBF
Industry Standard Pin-Out
Low, Low Cost!
A100ERU
Single & Dual Output,1.5W
Ultra-Wide Input Range
DC/DC Converters
Series
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range (See Note 1)
24 VDC Input
9.0
24.0
36.0
VDC
48 VDC Input
18.0
48.0
72.0
Input Filter
Capacitors
Short Circuit Input Power
1,000
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Balance
Dual Output , Balanced Loads
±3.0
%
Line Regulation
Vin = Min to Max
±0.2
±0.75
%
Load Regulation
Iout = 10% to 100%
±0.5
±2.0
%
Noise (20 Hz - 300 kHz)
See Note 2
50
100
mV P - P
Ripple (DC - 20 MHz)
50
mV P - P
Output Power Protection
120
%
Temperature Coefficient
±0.03
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100
pF
Switching Frequency
550
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size (See Note 3)
1.25 x 0.80 x 0.37 Inches (31.8 x 20.3 x 9.5 mm)
Case Material (See Note 3)
Non-Conductive Black Plastic (UL94V-0)
Weight
0.52 Oz (15g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
1.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
24 VDC Input
-0.7
50.0
VDC
48 VDC Input
-0.7
100.0
Lead Temperature
1.5 mm From Case For 10 Sec
300
ºC
Internal Power Dissipation
All Models
1,500
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn