Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54F30 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54F30
Description  8-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54F30 Datasheet(HTML) 2 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN54F30, SN74F30
8-INPUT POSITIVE-NAND GATES
SDFS043A – MARCH 1987 – REVISED OCTOBER 1993
2–2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
– 0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
– 1.2 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input current range
– 30 mA to 5 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high state
– 0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state
40 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range: SN54F30
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74F30
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input voltage ratings may be exceeded provided the input current ratings are observed.
recommended operating conditions
SN54F30
SN74F30
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
–18
–18
mA
IOH
High-level output current
–1
–1
mA
IOL
Low-level output current
20
20
mA
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54F30
SN74F30
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VOH
VCC = 4.5 V,
IOH = – 1 mA
2.5
3.4
2.5
3.4
V
VOH
VCC = 4.75 V,
IOH = – 1 mA
2.7
V
VOL
VCC = 4.5 V,
IOL = 20 mA
0.3
0.5
0.3
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.5 V
– 0.6
– 0.6
mA
IOS§
VCC = 5.5 V,
VO = 0
–60
–150
–60
–150
mA
ICCH
VCC = 5.5 V,
VI = 0
0.7
1.5
0.7
1.5
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
2.2
4
2.2
4
mA
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short circuit should not exceed one second.


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN54308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54ALS30A8-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
54AC110308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
54ACT110308-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN5410TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments
SN54AC10TRIPLE 3-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN54ALS13313-INPUT POSITIVE-NAND GATES 1 2 3 4 5 Texas Instruments
SN54LV132AQUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS 1 2 3 4 5 MoreTexas Instruments
SN5412TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54ALS20ADUAL 4-INPUT POSITIVE-NAND GATES 1 2 3 4 5 MoreTexas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn