Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC1384 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC1384
Description  NPN Silicon General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC1384 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  2SC1384 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC1384 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC1384 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Elektronische Bauelemente
2SC1383/2SC1384
NPN Silicon
General Purpose Transistor
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
Cob  VCB
VCER  RBE
0
160
40
120
80
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature T
a (°C)
010
8
26
4
0
1.50
1.25
1.00
0.75
0.50
0.25
IB
= 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Ta
= 25°C
Collector-emitter voltage V
CE (V)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (A)
0.01
0.1
1
10
0
600
500
400
300
200
100
VCE
= 10 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
−1
−10
−100
0
200
160
120
80
40
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
1
10
100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
120
100
80
60
40
20
IC
= 10 mA
Ta
= 25°C
2SC1384
2SC1383
Base-emitter resistance R
BE (kΩ)
01-Jun-2002 Rev. A
Page 2 of 3


Similar Part No. - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1384 PANASONIC-2SC1384 Datasheet
47Kb / 3P
   Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
logo
List of Unclassifed Man...
2SC1384 ETC1-2SC1384 Datasheet
192Kb / 3P
   TRANSISTOR
logo
Weitron Technology
2SC1384 WEITRON-2SC1384 Datasheet
314Kb / 5P
   NPN General Purpose Transistors
logo
Nanjing International G...
2SC1384 DGNJDZ-2SC1384 Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SC1384 UTC-2SC1384 Datasheet
70Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC1384

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com