Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCG05F20051-27BQ Datasheet(PDF) 9 Page - JDS Uniphase Corporation

Part # SCG05F20051-27BQ
Description  Benchtop/Rackmount Programmable Switches
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SCG05F20051-27BQ Datasheet(HTML) 9 Page - JDS Uniphase Corporation

  SCG05F20051-27BQ Datasheet HTML 1Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 2Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 3Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 4Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 5Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 6Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 7Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 8Page - JDS Uniphase Corporation SCG05F20051-27BQ Datasheet HTML 9Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BENCHTOP/RACKMOUNT PROGRAMMABLE SWITCHES
UL is a registered trademark of Underwriters Laboratories Inc.
LabVIEW is a registered trademark of National Instruments Corporation.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any
intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS
Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase Corporation. All rights
reserved. 10109644 Rev. 009 09/07 BTRKMTPROGSW.DS.TM.AE
Ordering Information
SCG Model Sample: SCG06D20241+27XF000FP
If the configurations available do not meet your
performance requirements, please contact our global
sales and customer service team to discuss the
potential for specialized solutions.
SCG Switch Package Information
Connector Type
Chassis Size
Switch Configuration
Max Channel Counts (input + output)
Bulkhead
3U 19” rack mount
C, D, E, F
60 front panel; 60 rear panel
Pigtail
3U 19” rack mount
C, D, E, F
90 front panel; 90 rear panel
Continued
SCG
+2
Code
Wavelength Range (nm)
F
1270 to 1670
Q
850 to 1350 (MM only)
B
750 to 940 (MM only)
Code
Cable Length
(3mm diameter)
001
1 m
003
3 m
009
9 m
000
Not applicable
(bulkheads only)
Code
Connector Type
FP
FC/PC (maximum 60)
FA
FC/APC (maximum 60)
SC
SC/PC (maximum 60)
SU
SC/APC (maximum 60)
NC
No connector
Code
Number of Output
Channels2
05
5 input channels
::
08
8 input channels
::
16
16 input channels
::
45
45 input channels
Code
Configuration
D
D configuration
E
E configuration
F
F configuration
Code
Number of Output
Channels2
005
5 output channels
::
048
48 output channels
::
072
72 output channels
::
090
90 output channels
Code
Output Port Type1
1
Bulkheads on front2
2
Bulkheads on back2
4
Pigtails on back
Code
Return Loss
XStandard
B
Bidirectional,
standard RL3
Code
Fiber Type (µm)
7
9/125
1
50/125
2
62.5/125
1. The inputs and outputs must exit on opposite sides. (For example, if inputs exit from the
front, then the outputs must exit from the rear.)
2. For exact layout of bulkheads and labeling, contact JDSU.
3. For reverse direction, use bidirectional.
Code
Input Port Type1
1
Bulkheads on front2
2
Bulkheads on back2
4
Pigtails on back
NORTH AMERICA
TEL
: 1 866 228 3762
FAX
: +1 301 353 9216
Test & Measurement Regional Sales
LATIN AMERICA
TEL
: +55 11 5503 3800
FAX
: +55 11 5505 1598
ASIA PACIFIC
TEL
: +852 2892 0990
FAX
: +852 2892 0770
EMEA
TEL
: +49 7121 86 2222
FAX
: +49 7121 86 1222
www.jdsu.com/test


Similar Part No. - SCG05F20051-27BQ

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
SCG002 WJCI-SCG002 Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002 WJCI-SCG002 Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
127Kb / 4P
   InGaP HBT Gain Block
SCG002B-G WJCI-SCG002B-G Datasheet
177Kb / 4P
   InGaP HBT Gain Block
SCG002B-PCB WJCI-SCG002B-PCB Datasheet
127Kb / 4P
   InGaP HBT Gain Block
More results

Similar Description - SCG05F20051-27BQ

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-521 JFW-50PA-521 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-63 JFW-50BA-001-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-016-63 JFW-50BA-016-63 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-017-63.5 JFW-50BA-017-63.5 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-030-31 JFW-50BA-030-31 Datasheet
37Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-501 JFW-50PA-501 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
75PA-052 JFW-75PA-052 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50PA-505 JFW-50PA-505 Datasheet
31Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-001-95 JFW-50BA-001-95 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
50BA-032-31 JFW-50BA-032-31 Datasheet
32Kb / 2P
   BENCHTOP PROGRAMMABLE ATTENUATOR ASSEMBLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com