Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54F175 Datasheet(PDF) 4 Page - Texas Instruments

Part No. SN54F175
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54F175 Datasheet(HTML) 4 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SN54F175, SN74F175
QUADRUPLE D-TYPE FLIP-FLOPS
WITH CLEAR
SDFS058A – D2932, MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 5 V,
TA = 25°C
SN54F175
SN74F175
UNIT
′F175
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
100
0
100
MHz
CLK high
4
4
4
tw
Pulse duration
CLK low
5
5
5
ns
CLR low
5
5
5
t
Setup time, data before CLK
High or low
3
3
3
ns
tsu
Setup time, inactive state, data before CLK
↑†
CLR high
5
5
5
ns
th
Hold time, data after CLK
High or low
1
1
1
ns
† Inactive-state setup time is also referred to as recovery time.
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX‡
UNIT
(INPUT)
(OUTPUT)
′F175
SN54F175
SN74F175
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
100
140
100
100
MHz
tPLH
CLK
QorQ
3.2
4.6
6.5
2.7
8.5
3.2
7.5
ns
tPHL
CLK
Q or Q
3.2
6.1
8.5
3.2
10.5
3.2
9.5
ns
tPLH
CLR
Q
3.2
6.1
8.5
3.2
10
3.2
9
ns
tPHL
CLR
Q
3.7
8.6
11.5
3.7
15
3.7
13
ns
‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn