Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWM-2FSMS2725 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # DWM-2FSMS2725
Description  Multi-Channel Mux/Demux Module 200 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWM-2FSMS2725 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  DWM-2FSMS2725 Datasheet HTML 1Page - JDS Uniphase Corporation DWM-2FSMS2725 Datasheet HTML 2Page - JDS Uniphase Corporation DWM-2FSMS2725 Datasheet HTML 3Page - JDS Uniphase Corporation DWM-2FSMS2725 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
MULTI-CHANNEL MUX/DEMUX MODULE
200 GHZ SPACING
Specifications
Parameter
4 Ch
8 Ch
16 Ch
Wavelength range
C or L band ITU channels 186.6 to 196.1 THz
Passband
Minimum
±33 GHz (
≈ ± 0.26 nm)
Passband ripple
Maximum
0.5 dB
0.35 dB
0.35 dB
Insertion loss1,2
Maximum
2.0 dB
3.2 dB
4.0 dB
Isolation (adjacent channel)3
Minimum
30 dB
30 dB
30 dB
Isolation (non-adjacent channel)3
Minimum
50 dB
50 dB
50 dB
Return loss
Minimum
45 dB
45 dB
45 dB
Directivity
Minimum
50 dB
50 dB
50 dB
Polarization dependent loss
Maximum
0.2 dB
0.2 dB
0.2 dB
Polarization mode dispersion
Maximum
0.15 ps
0.15 ps
0.15 ps
Optical power handling
Maximum
1 W
1 W
1 W
Operating temperature range
0 to 70 °C
Storage temperature range
-40 to 85 °C
Fiber type
9/125/900 µm fiber
Pigtail length
1.0 ± 0.1 m
Package size (L x W x H)
125.7 x 93.0 x 9.9 mm
125.7 x 93.0 x 9.9 mm
125.7 x 93.0 x 15.2 mm
1. Losses include one connector.
2. Losses are for demultiplexers; multiplexer losses are 0.3 dB lower (i.e. 4 Ch Mux loss is 2.3 dB). If no connector option is selected, the maximum loss should be 0.2 dB lower.
3. Isolation values stated are for demultiplexers only.


Similar Part No. - DWM-2FSMS2725

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
   MICRO BOARD STACKER
logo
JDS Uniphase Corporatio...
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2722 JDSU-DWM-1F4DS2722 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2723 JDSU-DWM-1F4DS2723 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
DWM-1F4DS2724 JDSU-DWM-1F4DS2724 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
More results

Similar Description - DWM-2FSMS2725

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWM-1F4DS2720 JDSU-DWM-1F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 100 GHz Spacing
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
logo
Finisar Corporation.
FWSF-D-40-M FINISAR-FWSF-D-40-M Datasheet
263Kb / 3P
   40 channels 100G DWDM MUX/DEMUX Module
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com