Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM-34A Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part # SPM-34A
Description  Selective Level Meters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

SPM-34A Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  SPM-34A Datasheet HTML 1Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 2Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 3Page - JDS Uniphase Corporation SPM-34A Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPM-32A/-33A/-34A/-35A/-36A
Selective Level Meters
Key Features
• For line qualification tests on ISDN, PCM, xDSL, and
measurements on analog transmission systems up to
3.5 MHz
• Synthesizer for accurate, stable frequency settings
• Straightforward operation with large digital display
• Balanced and unbalanced inputs with common standard
impedances
• Battery operation up to eight hours
Manufacturers, service providers, operators, and integrators qualifying copper
lines require high performance instruments that will maximize testing efficiency
and minimize training requirements for technicians.
The JDSU SPM-32A, SPM-33A, and SPM-36A Selective Level Meters are hand-
held instruments for selective and wideband measurements on FDM transmission
systems with up to 600 channels. When combined with the JDSU PS-33A Level
Generator (2 MHz), each instrument forms a test setup for measuring level, gain,
attenuation, and crosstalk. This test setup is the ideal tool for verifying the local
loop performance of services such as ISDN, PCM, and xDSL. In addition to the
basic functions, the SPM-34A Selective Level Meter also includes four special
bandwidths for in-service measurements of FM-VFT systems, in accordance with
ITU-T recommendations.
With bandwidths all the way down to 5 Hz, the SPM-35A Selective Level Meter is
ideal for analyzing composite signals. The instrument can be used for measure-
ments on ARI and RDS systems, as well as remote control and FM-VFT systems
as per ITU-T recommendations.
WEBSITE
: www.jdsu.com
ACTERNA TEST & MEASUREMENT SOLUTIONS


Similar Part No. - SPM-34A

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
143Kb / 4P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   3.3V / 1310 nm / 125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AG OPTOWAY-SPM-3102AG Datasheet
147Kb / 5P
   125 Mbps LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
149Kb / 4P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
SPM-3102AWG OPTOWAY-SPM-3102AWG Datasheet
148Kb / 5P
   3.3V / 1310 nm / 125 Mbps Digital Diagnostic LC SFP MULTI-MODE TRANSCEIVER
More results

Similar Description - SPM-34A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
227Kb / 12P
   Clamp Meters
logo
American Electronic Com...
DG71 AEC-DG71 Datasheet
380Kb / 3P
   Utility meters
logo
Sciosense B.V.
AS6040 SCIOSENSE-AS6040 Datasheet
3Mb / 213P
   Ultrasonic Flow Meters for Gas Meters
v2 2020-Aug-26
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Skyworks Solutions Inc.
SE2431L SKYWORKS-SE2431L_15 Datasheet
1Mb / 13P
   Smart meters
logo
Extech Instruments Corp...
EA31 EXTECH-EA31_15 Datasheet
209Kb / 1P
   EasyView??Light Meters
logo
Murata Manufacturing Co...
DM9000 MURATA-DM9000 Datasheet
1Mb / 15P
   digital panel meters
logo
Hamamatsu Corporation
C6080 HAMAMATSU-C6080 Datasheet
141Kb / 2P
   UV Power METERS
logo
List of Unclassifed Man...
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
IET Labs Inc.
1920 IET-1920 Datasheet
459Kb / 3P
   Precision LCR Meters
June 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com