Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DWM-1F4MS2722 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # DWM-1F4MS2722
Description  Multi-Channel Mux/Demux Module 100 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

DWM-1F4MS2722 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  DWM-1F4MS2722 Datasheet HTML 1Page - JDS Uniphase Corporation DWM-1F4MS2722 Datasheet HTML 2Page - JDS Uniphase Corporation DWM-1F4MS2722 Datasheet HTML 3Page - JDS Uniphase Corporation DWM-1F4MS2722 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 21021908 Rev. 003 02/06 DWM100.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: DWM-1F4DS2724
MULTI-CHANNEL MUX/DEMUX MODULE
100 GHZ SPACING
DWM-1F
S
Code
Type
DDemultiplexer
MMultiplexer
Code
Number of Channels
44
88
S
16
Channel Frequency Code
Povided by JDSU upon customer
confirmation
Code
Connector Type1
0None
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
7LC/APC
1. Other connectors available upon request.


Similar Part No. - DWM-1F4MS2722

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
DWM-01-51-T-S-250 SAMTEC-DWM-01-51-T-S-250 Datasheet
395Kb / 1P
   MICRO BOARD STACKER
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2722 JDSU-DWM-2F4DS2722 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2723 JDSU-DWM-2F4DS2723 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
DWM-2F4DS2724 JDSU-DWM-2F4DS2724 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
More results

Similar Description - DWM-1F4MS2722

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
DWM-2F4DS2720 JDSU-DWM-2F4DS2720 Datasheet
156Kb / 4P
   Multi-Channel Mux/Demux Module 200 GHz Spacing
FWM-T40D7F09 JDSU-FWM-T40D7F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
logo
Finisar Corporation.
M-DF-8-LC FINISAR-M-DF-8-LC Datasheet
126Kb / 2P
   CWDM MUX/DEMUX-8 Optibox??Module
logo
Pericom Semiconductor C...
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
   DeMux/Mux NanoSwitch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
   Mux/DeMux NanoSwitch?
logo
Finisar Corporation.
FWSF-D-40-M FINISAR-FWSF-D-40-M Datasheet
263Kb / 3P
   40 channels 100G DWDM MUX/DEMUX Module
FWSF-M-D-1550-CWDM FINISAR-FWSF-M-D-1550-CWDM Datasheet
183Kb / 2P
   1550/CWDM MUX/DEMUX Plug-in Module
M-DF-4-EX-LC FINISAR-M-DF-4-EX-LC Datasheet
128Kb / 2P
   CWDM MUX/DEMUX-4-EX Optibox Module
M-DF-4-2-LC FINISAR-M-DF-4-2-LC Datasheet
120Kb / 2P
   CWDM MUX/DEMUX-4-2 Optibox Module
FWSF-M-D-8 FINISAR-FWSF-M-D-8 Datasheet
176Kb / 2P
   CWDM MUX/DEMUX-8 Plug-in Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com