Electronic Components Datasheet Search |
|
1010-00-0471 Datasheet(PDF) 7 Page - JDS Uniphase Corporation |
|
1010-00-0471 Datasheet(HTML) 7 Page - JDS Uniphase Corporation |
7 / 8 page 60 50 40 30 20 10 0 –10 0 10 14 Nivel portadora de video (dBmV) 60 50 40 30 20 10 0 –20 –10 0 10 24 20 30 Nivel portadora de video (dBmV) 2.0 dB Accuracy 3 dB Accuracy Rango de límites de medida Rango de límites de medida 3 dB Accuracy 2.0 dB Accuracy Measurable QAM ingress 64 QAM –25 to –40 dBc 256 QAM –30 to –40 dBc Accuracy ±3.0 dB Graphic display Digital summary (including MER/EVM, Pre/Post FEC BER, Equalizer Stress, Carrier Offset, Symbol Rate) with limit/margin test results, QAM level. IQ constellation with zoom. Adaptive Equalizer Display (8 feed forward/24 feedback), Frequency Response, Group Delay. Ingress/Noise Under the Carrier. Power source Note: Option powered from SDA Series nickel metal hydride battery. Operating time is specified for continuous use in QAM View mode. Option includes high output charger. Charge time ~4 hours Operating time 2.5 hours continuous use (typical) Universal AC charger/adapter Input 100-250 VAC, 50-60 Hz, 0.5 A Output Charge 15 V at 750 ma Physical dimensions (total SDA-5000 size with OPT 4) 6 x 10.5 x 4.25 in (15.2 x 26.7 x 10.8 cm) Weight Approx. 7.7 lb (3.5 kg) Operating temperature range –4 to 113°F (–20 to 45°C) Notes (1)Typical specifications (2)Relative to 25°C (3)At 25°C and +20 dBmV (4) (5) View option (OPT 4) The QAM View option can be factory installed in any new or existing SDA Series instrument.The specifications and features are in addition to the standard measurement features of the SDA Series.When ordering, please specify OPT 4A for 8MHz, DVB-C, ITU-T J.83 Annex A, or OPT 4B for 6MHz, DVS-031, ITU-T J.83 Annex B. Modulation type 64/256 QAM, DVB-C, ITU-T J.83 Annex A (OPT 4A) 64/256 QAM, DVS-031, ITU-T J.83 Annex B (OPT 4B) Channel bandwidth 8 MHz (OPT 4A); 6 MHz (OPT 4B) Measurable input range (lock range) 64 QAM –20 to +50 dBmV (typical) 256 QAM –15 to +50 dBmV (typical) Frequency tuning 50 to 860 MHz (Digital QAM mode) Resolution 50 kHz BER (bit error rate) 64 QAM Pre-FEC/OPTs 4A and 4B 10–4 to 10–9 64 QAM Post-FEC/OPTs 4A and 4B 10–4 to 10–9 256 QAM Pre-FEC/OPT 4A and 4B 10–4 to 10–9 256 QAM Post-FEC/OPT 4A and 4B 10–4 to 10–9 MER (modulation error ratio) 64 QAM/Option 4A 22 to 35 dB Accuracy ±2.0 dB (typical, see chart below) 64 QAM/Option 4B 21 to 35 dB Accuracy ±1.5 dB 256 QAM/Option 4A 28 to 35 dB Accuracy ±2.0 dB (typical, see chart below) 256 QAM/Option 4B 28 to 35 dB Accuracy ±1.5 dB EVM (error vector magnitude) 64 QAM/Option 4A 1.2% to 5.2% Accuracy ±0.5% (1.2% to 2.0%) ±1.0% (2.1% to 4.0%) ±1.4% (4.1% to 5.2%) 64 QAM/Option 4B 1.2% to 5.8% Accuracy ±0.5% (1.2% to 2.5%) ±1.1% (2.6% to 5.8%) 256 QAM/Option 4A 1.1% to 2.5% Accuracy ±0.6% 256 QAM/Option 4B 1.1% to 2.5% Accuracy ±0.5% QAM level measurement Signal types 64 QAM, 256 QAM Range –20 to +45 dBmV Accuracy ±1.0 dB Flatness ±0.5 dB Linearity ±1.0 dB Temperature ±0.5 dB (typical) Specifications continued 7 Specifications SDA-4040D STEALTH DIGITAL ANALYZER Zero Span mode Video BW >1 MHz, 100 kHz, 10 kHz, 100 Hz Resolution BW 2 MHz, 280 kHz, 30 kHz Measurement BW Compensation programmable 1 kHz to 99 MHz Pulse measurement accuracy nominal level in 10 µs ±2 dB from nominal in 5 µs (>1 MHz VBW, 280 kHz RBW) Sweep times 100 µs to 20 s (1, 2, 5 settings) Intermodulation distortion (CSO/CTB) Range(5) ≥ 60 dB Resolution 0.1 dB Data storage Files types that can be stored: Sweepless Sweep, autotests, tilt graphs, channel plans, and scan graphs. Spectrum graphs (normal, normal with max hold, and CSO/CTB) can also be stored. Memory space is allocated on demand. All files stored as data, not as screen picture.Typical mix of files for 78- channel plan, 8 channel plans; 16 sweep references, 80 sweep traces; 40 scan files, 20 spectrum displays; 20 autotests Serial interface RS232; Epson, IBM, Seiko, and Diconix printers Input configuration Connector type 75 Ω Type F Female (Optional 75 Ω Type BNC Female) Maximum sustained voltage 100 VAC, 140 VDC PathTrak field view (OPT 3 required) Update rate 2x/second (remote trace) ~1x/second (local trace) Display scaling 5/1/2/5/10/20dB/div. Selectable nodes 14 (selectable via PathTrak HCU) |
Similar Part No. - 1010-00-0471 |
|
Similar Description - 1010-00-0471 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |