Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1010-00-0473 Datasheet(PDF) 10 Page - JDS Uniphase Corporation

Part # 1010-00-0473
Description  Stealth Digital Analyzer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

1010-00-0473 Datasheet(HTML) 10 Page - JDS Uniphase Corporation

Back Button 1010-00-0473 Datasheet HTML 4Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 5Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 6Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 7Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 8Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 9Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 10Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 11Page - JDS Uniphase Corporation 1010-00-0473 Datasheet HTML 12Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Frequency
Range
5 to 1000 MHz
Accuracy
±10 ppm at 25°C; ±10 ppm drift over temp
±3 ppm/year aging
Resolution bandwidths
30, 280 kHz and 2 MHz
(30 kHz for CTB/CSO only)
Tuning resolution
10 kHz
Sweep resolution
250 kHz maximum
Spectrum mode
Spans
3, 5, 10, 20, and 50 MHz
(0.3, 0.5, 1, 2, and 5 MHz/div)
Sweep rates
~1 second updates with spans of 50, 20,
10 and 5 MHz ~1.7 second updates with 3 MHz span
Display scaling and range
0.5, 1, 2, 5, and 10 dB/div
6 vertical divisions
Dwell
programmable 0-25 ms
Spurious free dynamic range
60 dB3
Sensitivity without preamp
–40 dBmV 5 to 550 MHz
–35 dBmV 550 to 1000 MHz
Sensitivity with preamp
–50 dBmV 5 to 550 MHz
–45 dBmV 550 to 1000 MHz
Maximum level with preamp
+50 dBmV
Zero Span mode
Video BW
> 1 MHz, 100 kHz, 10 kHz, 100 Hz
Resolution BW
2 MHz, 280 kHz, 30 kHz
Measurement BW
1 kHz to 99 MHz
compensation programmable
Pulse measurement accuracy
nominal level in 10 µs
±2 dB from nominal in 5 µs
(> 1 MHz VBW, 280 kHz RBW)
Sweep times
100 µs to 20 s (1, 2, 5 settings)
Intermodulation distortion (CSO/CTB)
Range(5)
≥ 60 dB
Resolution
0.1 dB
Forward transmitter
(SDA-5000 with option 2/SDA-5500 only)
Frequency range
5 to 1000 MHz
Output level
+20 to +50 dBmV adjustable
in 2 dB increments
Spectral purity
Hars –30 dBc; Spurs –35 dBc
Reverse transmitter
(Requires SDA-5000 with option 1 or 2)
Frequency range
5 to 1000 MHz
Output level
+20 to +50 dBmV,
adjustable in 2 dB increments
Spectral purity
Hars –30 dBc; Spurs –35 dBc
Telemetry
Frequency range
5 to 1000 MHz
Modulation
FSK, 100 kHz deviation
Spectrum required
1.0 MHz vacant bandwidth
recommended
Spectral purity
Hars –30 dBc; Spurs –35 dBc
Data storage
Files stored: auto tests, tilt, channel plans, scan and forward
sweep. Also reverse sweep and reverse amp alignment on
SDA-5000 with option 1 and/or 2. Spectrum mode (regular
with max hold and CSO/CTB). Allocated on demand.The stor-
age capability is simultaneous – more of one file type can be
“traded” for less of another. All files stored as database, not as
screen picture. (Example: typical mix of files for 78-channel
plan: 8 channel plans, 16 sweep references, 80 sweep traces,
40 scan files, 20 spectrum displays and 20 auto tests).
Specifications
10
SDA-5000 SERIES STEALTH DIGITAL ANALYZER
A
or
B
SAM-4040D
SAM-4040
SDA-4040D
QAM view option
A
or
B
SSA-1000
3SR
SDA-5000
QAM view option
3ST
3HRV
SDA-5500
SDA-5510
Stealth to SDA series –
product upgrade/replacement guide
Stealth model
SDA replacement
3SR
SDA-5000
3SR + 3SRV option
SDA-5000 with Option 1
3SR + 3SRT option
SDA-5000 with Option 2
3ST
SDA-5500
3HRV
SDA-5510
SSA-1000
SDA-5000 with Option 2
(firmware only)
SAM 4040
SDA-4040D
SAM-4040D
SDA-4040D (firmware only)
Start with any
SAM-4040 or 4040D
Optional:
PathTrak Field View (4040D)
A) Firmware
B) Hardware & firmware
Upgrade to SDA-4040D
Standard:
Optional:
DigiCheck
PathTrak
ZeroSpan
Field View
Dig Spectrum
Add Option 4 for: QAM View
Any Stealth can upgrade to
SDA-5000 for:
5 x faster sweep
256 QAM compatible sweep
Improved TP Comp setup
for reverse sweep
A) Firmware
B) Hardware & firmware
SDA-5000 units can be
purchased with,or upgraded to:
QAM View
PathTrak Field View
Any 3ST can be upgraded to
SDA-5000 for faster forward
sweep and digital signal
sweep compatibility
Any 3HRV can be upgraded
to SDA-5510
Level measurement
Range
–40 to +60 dBmV
Resolution
0.1 dB
Accuracy
±1.0 dB from –20 to +50°C(1,2)
Log linearity
±0.5 dB(1)
Flatness
±0.5 dB(3)
Signal types
CW, single carrier, video
(single or dual audio/NICAM), audio, digital
Uncertainty for digital carrier
additional ±0.5 dB (digital types 16/32/64/256
QAM, QPR, QPSK,VSB, CAP-16, DVB/ACTS and
TDMA using Zero Span Spectrum mode)
at 280 kHz RBW
Carrier-to-noise(4)
In-service measurement. Non-scrambled channels only. No
preselection required for 78 channels or less. Best dynamic
range at +10 dBmV or higher input.
Range
≥ 52 dB(1)
Resolution
< 0.5 dB
Hum measurement
In-service measurement. Carrier > 0 dBmV. Non-scrambled
channels only.
Range
0 to 10%
Resolution
< 0.2%
Accuracy
±0.7%
Depth of modulation
Assumes presence of white reference on any VITS line. Non-
scrambled channels only. Audio demodulation of AM and FM
carriers.
Range
80 to 100%
Resolution
< 0.5% at 85%
Audio demodulation
AM and FM Carriers
Tilt measurement
Up to nine pilot carriers or video channels with tilt and level
measurements on the highest and lowest.
Hi-lo
∆ resolution
0.1 dB
Scan mode
All video, audio, pilot carrier, and digital channel levels dis-
played.
Sweep mode
(SDA-5000 and 5500 only)
Frequency range
5 to 1000 MHz
Display span
User definable
Display scale/range
6 vertical divisions 1, 2, 5,
or 10 dB/division
Sweep pulse occupied bandwidth
30 kHz
Stability
±0.5 dB, normalized
(dependent on stability of referenced carriers)
Sweep rate
~1 second (78 channels, including
scrambled and digital signal types)
Channel plan templates (user editable)
China-1; China-2; France; HDTP-NL; Ireland;
Japan; Jerold; Jerold-HRC; Jerold-IRC;
NCTA; NCTA-HRC; NCTA-SUB; NCTA-IRC;
NTSC-Broadcast; OIRT-D/K; PL-B/G; PAL-UK


Similar Part No. - 1010-00-0473

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
1010-00-0471 JDSU-1010-00-0471 Datasheet
754Kb / 8P
   Stealth Digital Analyzer
More results

Similar Description - 1010-00-0473

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SDA-4040D JDSU-SDA-4040D Datasheet
754Kb / 8P
   Stealth Digital Analyzer
logo
Agilent(Hewlett-Packard...
N2100B HP-N2100B Datasheet
504Kb / 4P
   Digital Communication Analyzer
logo
TEKTRONIX, INC.
DSA8300 TEKTRONIX-DSA8300 Datasheet
454Kb / 16P
   Digital Serial Analyzer Sampling Oscilloscope
logo
List of Unclassifed Man...
DSA8300 ETC2-DSA8300 Datasheet
1,017Kb / 26P
   Digital Serial Analyzer Sampling Oscilloscope
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF08S60S FAIRCHILD-FFPF08S60S Datasheet
131Kb / 5P
   Stealth 2 Rectifier
FFH30S60S FAIRCHILD-FFH30S60S Datasheet
252Kb / 5P
   Stealth 2 Rectifier
FFP08S60S FAIRCHILD-FFP08S60S Datasheet
135Kb / 5P
   Stealth 2 Rectifier
FFP30S60S FAIRCHILD-FFP30S60S Datasheet
238Kb / 5P
   STEALTH II Rectifier
logo
National Instruments Co...
NI6542 NI-NI6542 Datasheet
856Kb / 3P
   100 MHz Logic Analyzer/Digital Pattern Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com