Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q333-HD Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # Q333-HD
Description  High-Power Q-Switched Diode-Pumped UV Laser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

Q333-HD Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  Q333-HD Datasheet HTML 1Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 2Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 3Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 4Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 5Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 6Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 7Page - JDS Uniphase Corporation Q333-HD Datasheet HTML 8Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Q Series Laser Head Specifications
Parameter
Q331-HD
Q332-HD
Q333-HD
Wavelength
355 nm
355 nm
355 nm
Spatial mode
TEM00
TEM00
TEM00
M-squared1
<1.2
<1.2
<1.2
Waist location1 (internal, from beam exit)
42±0.4 cm
42±0.4 cm
42±0.4 cm
Waist diameter1, 1/e2
0.26 mm nominal
0.26 mm nominal
0.26 mm nominal
Beam divergence1, full angle
1.8±0.35 mrad
1.8±0.35 mrad
1.8±0.35 mrad
Beam pointing drift, full angle
<10 µrad/°C
<10 µrad/°C
<10 µrad/°C
Pointing drift, over 8 hours, full angle2
<50 µrad
<50 µrad
<50 µrad
Beam position accuracy, unit to unit
<2.5 mm from nominal
<2.5 mm from nominal
<2.5 mm from nominal
Beam pointing accuracy, unit to unit
<1° from nominal
<1° from nominal
<1° from nominal
Repetition rate
Internally triggered
5 to 250 kHz
5 to 250 kHz
5 to 250 kHz
Externally triggered
0 to 250 kHz
0 to 250 kHz
0 to 250 kHz
Constant pulse energy range
<10 kHz
<30 kHz
<50 kHz
Average output power3
At 10, 20, and 30 kHz
≥5.0, 4.0 and 3.0 W
-
-
At 30, 50, and 70 kHz
-
≥4.0, 3.4, and 2.5 W
-
At 70, 100, and 130 kHz
-
-
≥3.6, 2.5, and 1.6 W
Pulse width4
At 10, 20, and 30 kHz
34±10, 52±15, 69±15 ns
-
-
At 30, 50, and 70 kHz
-
78±20, 107±20, 135±30 ns
-
At 70, 100, and 130 kHz
-
132±30, 168±40, 204±55 ns
Pulse energy fluctuations5
At 10, 20, and 30 kHz
<2.0%, 10 – 30 kHz
-
-
At 30, 50, and 70 kHz
-
<3%, 30 – 50 kHz
-
At 70, 100, and 130 kHz
-
-
<3%, <2.0%, <2.5%
Power drift over 8 hours2, 6
<±2%
<±2%
<±2%
Beam roundness
>85% circular
>85% circular
>85% circular
Polarization
>100:1, horizontal
>100:1, horizontal
>100:1, horizontal
Warm-up time
From cold start
<20 minutes
<20 minutes
<20 minutes
From standby
<10 minutes
<10 minutes
<10 minutes
Operating ambient temperature
15 to 35°C
15 to 35°C
15 to 35°C
Relative humidity, non-condensing
10 to 80%
10 to 80%
10 to 80%
Weight
14.5 kg
14.5 kg
14.5 kg
1. Specification holds over different repetition rate ranges, depending on the laser model, as follows:
Q331 from 10 to 30 kHz, for Q332 from 30 to 70 kHz, for Q333 from 70 to 130 kHz.
2. Ambient temperature constant ±2°C.
3. Averaged for 1 hour after >80 minutes of continuous operation.
4. Pulse duration measured according to method detailed in JDSU application note titled “Optical Pulse Width Measurement Techniques for Q-Series Lasers.”
5. Pulse Energy Fluctuations =
σ / μ x 100%, σ = standard deviation, μ = average pulse energy.
6. Measured after more than 80 minutes of continuous operation.
Continued
5
HIGH-POWER Q-SWITCHED DIODE-PUMPED UV LASER


Similar Description - Q333-HD

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLTMPL-532 ROITHNER-RLTMPL-532 Datasheet
243Kb / 3P
   Green Diode Pumped Solid State Q-switched Laser
logo
JDS Uniphase Corporatio...
M110-1047-050 JDSU-M110-1047-050 Datasheet
192Kb / 5P
   Q-Switched IR Laser
logo
Roithner LaserTechnik G...
RLTCO-1064-400W ROITHNER-RLTCO-1064-400W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-50W ROITHNER-RLTCO-1064-50W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-500W ROITHNER-RLTCO-1064-500W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-200W ROITHNER-RLTCO-1064-200W Datasheet
143Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-75W ROITHNER-RLTCO-1064-75W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-100W ROITHNER-RLTCO-1064-100W Datasheet
140Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
RLTCO-1064-300W ROITHNER-RLTCO-1064-300W Datasheet
153Kb / 2P
   High Power Infrared Diode Pumped Solid State Laser
MGM2-1 ROITHNER-MGM2-1 Datasheet
144Kb / 1P
   Green Diode Pumped Laser Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com